Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD11 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD11
Description  Laser Absorption of Atmospheric Ammonia for Mobile Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD11 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD11 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD11 Rev. A
Page 3
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 4. (Left): Sensor on flying UAV. (Right): Zoom-in
(rear) view of ammonia sensor mounting.1
The runway used for the plane was hard-packed ground,
showing the versatility of the setup and the durability of
the sensor. Flights were relatively short - the ammonia
concentration from a flight shown later in this paper had
a duration of approximately three minutes. Altitude and
latitude/longitude can also be recorded by the sensor
from GPS. With flight paths and measured ammonia
concentrations, sources with elevated ammonia quantities
can be identified in the air in a variety of places that may be
inaccessible at ground level.
RESULTS
Ammonia concentrations were measured in the laboratory,
by ground vehicle, and by plane using the WMS, QCL-
based, open-path, ammonia sensor. To validate the WMS
method with the designed sensor, the WMS spectrum for
the case of 150 ppb is compared to an example of the data.
Figure 5 shows the scan range of the sensor in an actual
experiment as well as the comparison of simulated and
experimental spectra of ammonia concentration.
The peak amplitude and overall spectral shape are in
excellent agreement with the simulated data, showing the
validity and potential of the developed ammonia sensor.1
Figure 5. Comparison of simulated and experimental
spectra for NH
3 concentration of 150 ppb.
1
To measure the accuracy and precision of the sensor, a
closed-path configuration was used.
Figure 6 shows a test
characterizing the ammonia sensor accuracy with good
agreement between measured and expected ammonia
concentrations. The average discrepancy is <2%, and the
Allan variance study yielded a sensitivity of ~4 ppb at 1 s.1
While this sensitivity isn't as low as other WMS designs,
it is very adequate, achieving single-digit ppb sensitivity,
for many ammonia sensing applications while providing a
compact setup for mobile measurements.
For in-field experiments and tests, researchers deployed
the sensor on a UAV 1.5 km away from the target location:
a nearby agricultural feedlot.
Figure 7 shows the aerial view
of the flight path and the measured ammonia concentration
time series. In the ~3-minute flight, ammonia concentration
data showed elevated readings over 200 ppb associated
with the emission from the feedlot taking into account the
local wind direction during the measurements.1
Figure 6. (Left): Comparison between measured and expected ammonia concentrations with closed-path configuration.
Red bars show the fix delivered concentrations. (Right): Allan variance analysis shows the sensitivity of ~4 ppb (at 1 s).1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com