Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD11 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD11
Description  Laser Absorption of Atmospheric Ammonia for Mobile Measurements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD11 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD11 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD11 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD11 Rev. A
Laser Absorption of Atmospheric
Ammonia for Mobile
Measurements
July, 2024
Page 1
ABSTRACT
Researchers from Colorado State University and Surprise, AZ have developed an ammonia sensor based
on wavelength modulation spectroscopy (WMS) utilizing a quantum cascade laser (QCL) at 10.33 µm for
mobile applications. The ammonia sensor was deployed on a ground vehicle for ammonia concentration
measurements in a city for automobile combustion and on a fixed-wing plane for measurements in air for
feedlot ammonia emissions. This compact (~20 L), lightweight (~3.5 kg), and battery-powered (<30 W)
design operates autonomously to achieve a sensor accuracy of <~2% and precision of ~4 ppb in 1 s.
This mobile sensing approach provides a scalable solution for detecting and quantifying anthropogenic
emissions of ammonia in the atmosphere in industrial and agricultural settings.
NITROGEN EMISSIONS
Anthropogenic emissions contribute to greenhouse gases
and gases that are significant risks to human health and
the environment. Among these emissions are nitrogen (N)
compounds, which add to climate change and reduce
the overall ecological quality of life. The most abundant
nitrogen compound containing atmospheric species, due
to anthropogenic emissions, is ammonia (NH
3).
1
Around
55% of these compounds are comprised of ammonia while
oxides of nitrogen and nitrous oxide make up the rest.
A majority of nitrogen emissions from human activity come
from agricultural sites. Ammonia makes up a majority of this
emission from fertilizer and animal waste. This is a result
of ammonification: decomposition from micro-organisms
(bacteria or fungi) to convert organic nitrogen to ammonia.
Ammonia in the air is converted from over half of the
nitrogen fed to cattle in feedlots and dairies. This is directly
related to the increased ammonia concentrations around
feeding areas which can be over 100 times larger than
typical background concentrations.
Figure 1. Cattle feedlot – one of the largest sources of
anthropogenic ammonia emissions.
Because of the potential adverse effects of ammonia
emission on the environment, human health, plant growth,
aquatic health, and air quality, regulations toward reducing
atmospheric ammonia are increasing as well as new
best practices for agricultural sites to reduce atmospheric
ammonia. Atmospheric ammonia needs to be well
quantified in these areas to better regulate and reduce
nitrogen anthropogenic emissions.
PROBLEMS AND GOALS
Accurately and precisely detecting and quantifying nitrogen
emissions, particularly ammonia emissions, can lead to
solutions for potential adverse effects on the ecosystem
and air quality. While some emission sources have much
higher ammonia concentrations (animal waste and fertilizer)
and are easily detectable in ranges of 500 to 1200 parts-
per-billion (ppb)1, other sources have much lower impacts
(industrial and vehicular) and are more difficult to measure.
Although agricultural ammonia emissions are much higher,
industrial and vehicular ammonia emissions still contribute
to the total impact of ammonia on the environment and
can be monitored and recorded for further regulation or
reduction.
Concentrations of atmospheric ammonia can vary widely
even in short ranges. Ammonia is also a "sticky gas",
meaning it tends to absorb or adsorb with surfaces, making
typical closed-path instruments difficult to use. Point
sensors are more applicable to mobile use which is better
suited for a versatile study of different locations and sources
on the ground and in the air.
Chemical ionization mass spectrometry achieves adequate
sensitivity and time resolution, but it is too complex and
large for mobile applications. Optical techniques provide


Similar Part No. - CS-LD11

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD10 WAVELENGTH-CS-LD10 Datasheet
2Mb / 5P
Quantification of the Removal and Inactivation of Virus Particles
October, 2023
CS-LD12 WAVELENGTH-CS-LD12 Datasheet
2Mb / 5P
Real-time Chlorophyll Fluorescence:Enabling Higher Quality Palm Oil During Production
September, 2024
CS-LD13 WAVELENGTH-CS-LD13 Datasheet
1Mb / 5P
Cryogen-Free Solution for Terahertz Absorption Spectroscopy
January, 2025
CS-LD14 WAVELENGTH-CS-LD14 Datasheet
2Mb / 5P
Multicolor Images of Hidden Materials with Interferometry Using THz QCLs
April, 2025
CS-LD15 WAVELENGTH-CS-LD15 Datasheet
3Mb / 5P
Sulfur Species Detection Using Three-Channel QCL Sensor
September, 2025
More results

Similar Description - CS-LD11

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
For surge absorption circuit
logo
Figaro Engineering Inc.
FECS44-100 FIGARO-FECS44-100 Datasheet
364Kb / 2P
Detection of Low Concentration Ammonia
FECS44-1000 FIGARO-FECS44-1000 Datasheet
365Kb / 2P
Detection of High Concentration Ammonia
TGS826 FIGARO-TGS826 Datasheet
82Kb / 2P
Detection of Ammonia
logo
Zhengzhou Winsen Electr...
ME4-NH3 WINSEN-ME4-NH3 Datasheet
470Kb / 6P
Ammonia Gas Sensor
MQ137 WINSEN-MQ137 Datasheet
556Kb / 6P
Ammonia Gas Sensor
logo
Schneider Electric
167LP SCHNEIDER-167LP Datasheet
92Kb / 1P
Performs measurements for liquid level, interface or density of liquids
Apr 26, 2022
244LD SCHNEIDER-244LD Datasheet
107Kb / 2P
Performs measurements for liquid level, interface or density of liquids
Apr 26, 2022
logo
Coolgear Inc.
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com