Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD12 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD12
Description  Real-time Chlorophyll Fluorescence:Enabling Higher Quality Palm Oil During Production
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD12 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD12 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD12 Rev. A
Page 2
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
and near-infrared optical sensors, and other varieties of
spectroscopy to detect chlorophyll or other photosynthetic
pigments while being non-invasive to the sample. Non-
invasive techniques are highly desired by palm oil producers
to keep the production floor operating without interruption.
Most of these methods require a sample to be collected
and taken offline to a laboratory for chlorophyll content
measurements, and many production lines send samples
to other companies for analysis and verification. Not only is
this time-consuming, but it can be disruptive to the palm oil
refinement process, expensive, and labor-intensive. Human
inconsistencies and inaccuracies are also problematic
when monitoring ripeness and fruit maturing. A real-time
technique for chlorophyll level monitoring is needed that is
non-invasive and does not disrupt palm oil production. With
a portable design, workers can monitor chlorophyll and fruit
maturity and freshness with more accessibility, in real-time,
for quality control in palm oil production.
METHOD
Researchers from Singapore and Malaysia have developed
an in-line, light-induced chlorophyll fluorescence (LICF)
probe for non-invasive and real-time monitoring of
chlorophyll levels in diluted crude oil. The system integrates
a high-intensity LED, photodiode, and a custom bifurcated
fiber-optic probe to assess chlorophyll concentrations during
the milling process. The LICF setup of the experiment,
including the optical probe, LED, and diluted crude palm oil
(DCO), is seen in
Figure 2.
Figure 2. Schematic diagram of LICF setup used in the
laboratory for the LICF experiment.1
The LED, with a wavelength of 405 nm, was used to excite
the oil and produce chlorophyll absorption peaks in the
region of 665 nm. Although laser diodes are typically used
for absorption spectroscopy, the LED was chosen for its low
cost and long lifespan. This LED was driven with constant
current with one of Wavelength Electronics' laser diode
drivers.
For excitation light delivery and fluorescence collection, a
bifurcation fiber probe is used with a 7-1 ratio of delivery
fibers to collection fibers. Seven fibers deliver the light to
the oil sample, while one center fiber collects the chlorophyll
fluorescence and feeds it into the spectrometer for analysis.
The linear array CMOS detector in the LICF setup detected
variations in light intensity corresponding to chlorophyll
concentration. These concentrations, with previously
known values, were sent to the American Oil Chemists'
Society (AOCS) for validation. With these measurements,
a correlation between chlorophyll levels and chlorophyll
fluorescence spectra can be made. This proportional
relationship is seen in
Figure 3.
Figure 3. Shows
the
light-induced
chlorophyll
fluorescence spectra when excited with a 405 nm LED. (a)
The LICF spectra of various chlorophyll concentrations
in methanol. (b) The plot shows the linear relationship
between chlorophyll fluorescence (fluorescence area)
and chlorophyll concentration.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com