Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD12 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD12
Description  Real-time Chlorophyll Fluorescence:Enabling Higher Quality Palm Oil During Production
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD12 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD12 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD12 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD12 Rev. A
Page 5
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Chlorophyll, palm oil, in-line, real-time, non-invasive,
LED, fluorescence, spectroscopy, laser driver, WLD33ND,
WLD33ND-2AEV,
evaluation
board,
light-induced
chlorophyll fluorescence, LICF, quality, fruit maturity
PRODUCTS USED
WLD33ND, WLD33ND-2AEV
REVISION HISTORY
Document Number: CS-LD12
REVISION
DATE
NOTES
A
September 2024
Initial Release
REFERENCES
1. Tan, E.K.M., Tiong, S.H., Adan, D. et al. Enabling
chlorophyll photo-response for in-line real-time
noninvasive direct probing of the quality of palm-oil
during mill process. Sci Rep
13, 5744 (2023). https://
doi.org/10.1038/s41598-023-32479-7
USEFUL LINKS
•
WLD33ND
Product Page
•
WLD33ND-2AEV
Product Page
PERMISSIONS
Figures 2 - 7 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
Figure 4 was cropped and the caption was adapted. No
changes were made to the other captions or images. They
are presented here in their original form
WAVELENGTH'S ROLE
In the development of the chlorophyll detection system for
palm oil quality monitoring, Wavelength Electronics provided
critical components that ensured the stability and accuracy
of the system's optical measurements. The precise control
of light emission and constant current was essential for
detecting chlorophyll photo-response effectively.
Researchers utilized the WLD33ND Laser Driver from
Wavelength Electronics to manage the drive current of the
LED light source. This driver delivers up to 2.2 A of current
with high stability and can operate efficiently with a single
+5 V supply. Its compact size, current stability, and as low
as zero leakage current were crucial for maintaining stable
and consistent light emission, which is vital for accurate
chlorophyll measurements. As LEDs are very sensitive
to drive current and voltage fluctuations, the WLD33ND
driver reduces variation in supplying power to the LED light
source.
Additionally, the WLD33ND-2AEV Evaluation Board for
the WLD33ND Driver facilitated rapid prototyping and
integration of the LED and its driver into the oil monitoring
system. The evaluation board simplified the setup process
with onboard switches, connectors, and trimpots, making
it easy to configure and test the system. This streamlined
integration was important for optimizing the LED modulation
parameters and ensuring reliable performance during real-
time monitoring.
Wavelength Electronics' components played a pivotal role
in achieving the necessary precision and stability for the in-
line sensing system, demonstrating the importance of fully-
featured controllers, engineering expertise, and responsive
tech support for high-tech researchers and manufacturers
in a wide variety of applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com