Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC08 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC08
Description  Methane Isotopologues Spectroscopy Analysis
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC08 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC08 Rev. A
Page 2
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
ISOTOPOLOGUE ISSUES
Measuring and analyzing isotopologues is challenging
as the abundance of the isotopes can be very low. For
example, methane (12CH
4) without any additional neutrons
has the overwhelming majority of naturally occurring
abundance of greater than 98%. All other isotopologues
combine for the remaining abundance. Although the heavier
isotopologues make up a very small amount of methane in
the air, the ratios of heavy to light isotopologues can still
differentiate the source of the methane emission.
It is also difficult to measure multiple isotope ratios
simultaneously. Not only does this require high-precision
measurement methods, but it can also require two separate
instruments with separate sample preparation. This process
is time consuming and labor intensive when analyzing
multiple isotopes. Automated preparation and analysis
would save time and increase accuracy.
Another important parameter for effective analysis of
methane sources is to minimize the amount of time
between obtaining the sample and the analysis results. For
real-time analysis, the instrument needs to be compact,
enabling field-deployable measurements. Laboratory-
based instrument use flask sampling and require constant
calibration. Flask sampling requires accurate and consistent
collection at the source then transport for analysis.1
Automated real-time analysis requires compact instruments
enabling field-deployable measurements.
SOLUTION & METHOD
Researchers from Switzerland, the Netherlands, Germany,
and the UK have developed a real-time analysis of methane
isotopologues in ambient air using Quantum Cascade Laser
Absorption Spectroscopy (QCLAS). By utilizing a trace gas
extractor (TREX) coupled to the spectrometer, CH
4 mole
fractions can be enhanced well above ambient levels and
can separate other interfering trace gases (N
2O and CO2).
The use of mid-infrared (MIR) quantum cascade lasers
(QCL) generates high precision, high spectral purity, and
high optical power in continuous wave operation at room
temperature.1 This enables a compact design with potential
parts-per-trillion measurements while eliminating the need
for flask sampling.
Because the system is simultaneously measuring 12CH
4,
13
CH
4, and CH3D, the separate development of the TREX
enables trace gas measurement of CH
4 which has a mole
fraction in ambient air on the order of 1.8 ppm. Another
barrier that the instrument overcomes is the very low natural
abundance of CH
3D. By using the TREX, the CH4 can be
extracted from the ambient air and placed into a separate
absorption cell for laser spectroscopy.
Figure 2 shows a
schematic of the TREX unit.
The TREX unit enables preconcentration of the methane
gas by removing the majority of the bulk gases (N
2, O2, and
Ar) in the gathered sample. This is achieved by temperature
swing adsorption on a cold trap, filled with specific
adsorbent material to capture the methane.1 The adsorbing
Figure 2. Schematics of the preconcentration unit (TREX). The blue lines indicate the flow of sample air and TG, i.e.,
ambient air CH
4-mole fractions, while red lines represent the flow of calibration gas and desorbed air, i.e., high CH4-mole
fraction. MFC 1-4 and V 1-4 stand for mass flow controllers and 2-position valves, respectively.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com