| Electronic Components Datasheet Search |
|
CS-LDTC08 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LDTC08 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc. |
|
1 / 5 page ![]() © 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com Case Study CS-LDTC08 Rev. A Methane Isotopologues Spectroscopy Analysis March, 2021 Page 1 ABSTRACT Researchers from Switzerland, the Netherlands, Germany, and the UK have developed a quantum cascade laser absorption spectrometer (QCLAS) coupled with a trace gas extractor (TREX) for high precision measurements of methane isotopologues in ambient air. With a compact and field-deployable instrument, real-time analysis of the three main and most abundant methane isotopologues can be performed simultaneously. The TREX-QCLAS achieves analytical precision on preconcentrated methane of 0.1 and 0.5‰ for δ13C- and δD-CH 4, respectively, and has the repeatability of 0.19 and 1.9‰ for δ 13 C- and δD-CH 4, respectively. When compared to popular techniques of isotope mass-ratio spectrometry and other laser spectroscopy, the TREX-QCLAS has similar results with less labor-intensive features and automated real-time analysis for in situ measurements to better identify different emission sources. METHANE ISOTOPOLOGUES As one of the most important human emitted greenhouse gases, methane (CH 4) must be carefully monitored in the atmosphere from multiple sources due to the high heat absorption properties.1 Natural gas, although the cleanest fossil fuel, contains methane, which if released into the atmosphere before being consumed by burning, can bring damaging effects to the environment. Careful considerations need to be made to limit the amount of methane released into the air from human activities. To increase accountability for companies producing methane emissions, various sources of methane emissions could be identified from ambient air analysis. A potential method to distinguish individual sources of methane emission is to measure the ratios of isotopologues in that environment compared to standard compositions. Different sources will release different ratios of heavy and light isotopologues of methane. Isotopic composition is commonly reported in delta (δ) notation which compares the ratio of heavy vs. light isotopes in a sample to the ratio of an international standard measurement. Equation 1 shows an example δ-notation of 13C (Carbon with an extra neutron). (1) Here the international isotopic standards used are Vienna Pee Dee Belemnite (VPDB) for δ13C and Vienna Standard Mean Ocean Water (VSMOW) for δD. A negative delta value would indicate that the sample contains more of the heavy isotope than the standard ratio, while a positive delta value indicates more of the light isotope than the standard ratio. Figure 1 shows an emission and isotopic map of London based on 2013 National Atmospheric Emissions Inventory (NAEI) methane inventories. Most of the higher emission areas are associated with 13C-depleted areas. This level of identification of methane isotopologues will distinguish emissions by sources or origin. Figure 1. Emission (a) and isotopic (b) map for London based on 2013 NAEI methane inventories. Most of the hotspots are associated with 13C-depleted areas. The large area affected by high emissions on the east side of the London region include biogenic methane sources, such as landfill sited and waste-water treatment plants.2 (13C/12C)Sample (13C/12C)Standard δ13C (‰) = - 1 |
Similar Part No. - CS-LDTC08 |
|
Similar Description - CS-LDTC08 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |