Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC08 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC08
Description  Methane Isotopologues Spectroscopy Analysis
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC08 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC08 Rev. A
Page 3
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
material is porous polymers that separate light gases from
ambient air. To increase the methane adsorption capacity,
the trap's temperature is maintained at ~100 K. When
coupled with the QCLAS, the TREX has three main phases
for preconcentration (
Figure 3).
Figure 3. Workflow of QCLAS (top) and TREX (bottom)
during a complete measurement cycle consisting of
three phases: CH
4-adsorption (phase I), CH4-desorption
(phase II) and trap conditioning (phase III).1
In Phase 1, the trap is cooled to ~100 K and the methane
gas from the ambient air sample is adsorbed. For a
7.5 L sample gas volume, the adsorption takes around
500 seconds. In Phase 2, the trap is heated to 175 K which
initiates the desorption of mainly volatile bulk gases (N
2,
O
2, and Ar), while the CH4 desorption is initiated when the
trap's temperature is increased to 258 K. The other gases
can be vented away from the CH
4 before it is desorbed from
the trap. When the trap is purged with high-purity synthetic
air (20.5% O
2 in N2, purity 99.999%), a two-way solenoid
valve encloses the desorbed and now isolated methane
in the QCLAS absorption cell. Phase 3 involves heating
the trap to 323 K and purging it with more synthetic air for
5 minutes to remove any residual gas compounds. The flow
of ambient air and preconcentration in the TREX unit can
be seen in
Figure 2.
The QCLAS is operated when the preconcentrated sample
(or calibration gas) fills the multipass cell. The multipass
cell has an optical path length of 76 m and a volume of
0.5 L. To measure both δ13C- and δD-CH
4 simultaneously,
the QCLAS requires a dual-laser configuration, each with
its wavenumber selected for one of the isotopologues. The
distributed feedback (DFB) QCLs had wavenumbers of
1295.7 and 1307.0 cm-1 for δ13C- and δD-CH
4 respectively.
These wavenumbers are chosen for maximum sensitivity for
the low abundant isotopologues. This experiment demands
high-precision measurements and equipment, laser control
and temperature control being among the most important.
Low noise and stable current are critical to the success of
the spectroscopy measurements, and tight control of the
temperature of the laser ensures long-term performance.
RESULTS
The TREX-QCLAS is compared to other gas analysis
techniques, mainly commercial laser spectroscopic
techniques and techniques using flask or bag sampling.
The comparison experiment was performed over two weeks
with over 250 measurement cycles from the TREX-QCLAS.
The two commercial laser spectroscopy techniques include
cavity ring-down spectroscopy (CRDS) and an off-axis
integrated cavity output spectrometer (OA-ICOS), as well
as the flask and bag methods which use an isotope-ratio
mass spectrometer (IRMS). The latter method requires
more intensive labor for collecting the samples into bags
and flask for measurements.
The new TREX-QCLAS instrument showed analytical
precision of 0.1 and 0.5‰ for δ13C- and δD-CH
4
respectively for the preconcentrated methane (10 minutes
averaging time). The repeatability is 0.19 and 1.9‰ for
δ13C- and δD-CH
4, respectively, which is similar to the
IRMS techniques used.
Figure 4 shows the measured
isotopologue ratios of different methane sources. These
measurements show agreement between the various
methods of methane analysis in ambient air. The
CRDS involves extensive calibration (causing breaks in
measurements), and the IRMS requires the extra work of
flask or bag sample collection.
Figure 4. δD-CH
4 vs. δ
13
C-CH
4 of different CH4 sources.
The symbols indicate CH4 source signatures derived
from Keeling plots. The error bars are uncertainties
derived from the linear regression. The star-symbols are
source signatures from 21 June noon till 22 June noon
derived from different techniques. The shadings indicate
typical values for different source categories from the
literature.1
A linear dependence was discovered of δ13C- and δD-CH
4
on the temperature of the laser heatsink. To account for this
difference in temperature when measuring the ambient air,
the laser heatsink temperature was controlled to a precision



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com