Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC08 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LDTC08
Description  Methane Isotopologues Spectroscopy Analysis
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC08 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LDTC08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC08 Rev. A
Page 4
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
of ~1 mK and was recorded. This temperature data allowed
application of a drift correction to the data post-processing
for more accurate results.
This experiment showed that the TREX-QCLAS system
is a suitable alternative to techniques previously used in
laboratories relying on flask sampling. Because the TREX-
QCLAS makes measurements in real-time, temporal
changes in ambient CH
4 isotopic composition can be
observed. Not only can this method and spectrometer
analyze the three main CH
4 isotopologues simultaneously,
it also has the potential to be applied for the analysis of
isotopic compositions of trace gases such as N
2O and
other volatile organic compounds. The compact nature of
the instrument and ability for simultaneous measurements
allow for field experiments with precision and repeatability
for identifying regional source processes.1
This design can better enable regulation of methane
emissions with identification of the source using ambient
air measurements. There can be more accountability for
pollution in the world with high-precision gas analysis.
WAVELENGTH'S ROLE
Due to the high precision demands of the spectrometer,
researchers upgraded the electronic equipment to
utilize the high performance capabilities of Wavelength
Electronics' QCL drivers and temperature controllers. These
critical components enable the sensitive measurements
and analysis of methane isotopologues.
For the researchers,1 "laser operation stability is of utmost
importance" highlighting the need for ultra-low noise laser
drivers. Wavelength Electronics' QCL1000 OEM driver limit
noise produced to as low as 0.5 µA RMS up to 100 kHz and
an average current noise density of 1.5 nA/√Hz. These
drivers minimized laser intensity variations and frequency
jitter in the laser spectrometer for the precise methane
measurements.1
Figure 5 shows the QCL1000 OEM with
output current of up to 1 A and compliance voltage of 20 V.
Figure 5. QCL1000 OEM QCL Driver
Not only does the current of the lasers need to be controlled,
but the temperature of the lasers needs to remain stable for
best results:
• Repeatable experiments and tests
• Narrow linewidth and stable wavelength
• Improve long-term performance
• Accurate results due to the linear dependence of δ13C-
and δD-CH
4 on laser heatsink temperature
The laser temperature was controlled to ~1 mK precision
and recorded at high resolution for drift correction. "The
long-term performance was improved by tighter and more
precise control of the laser heat-sink temperature by
deploying high-precision controllers."1 By using Wavelength
Electronics'
PTC5K-CH
temperature
controllers,
researchers were able to maintain narrow linewidth,
stable wavelength, and the longevity of the lasers and
spectrometer. The PTC5K-CH controller drives up to ±5 A
of current to a thermoelectric or a resistive heater with
temperature stability as low as 0.0012ºC over one hour.
Figure 6 shows the PTC5K-CH.
Figure 6. PTC5K-CH Temperature Controller



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com