Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC14 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LDTC14
Description  Active Ring Resonators Using Mid-Infrared QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC14 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LDTC14 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LDTC14 Rev. A
Page 2
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Quantum cascade lasers (QCLs) and inter-band cascade
lasers (ICLs) have advanced in the last couple of decades
to provide a promising laser source for the 3-12 µm range
under direct current at room temperature. With these
laser sources, numerous developments have been made
in the mid-IR with integrated waveguides and high quality
passive ring resonators.1 What is needed now is a design
for an active ring resonator to add versatility in function and
application.
METHOD
Researchers from Harvard University, Massachusetts
Institute of Technology, Institute of Solid State Electronics
in Austria, and Institutes in Portugal have developed and
integrated a mid-infrared ring resonator and directional
couplers, using a quantum cascade active region in the
wave core. Because of this unique design, many of the
parameters of the ring resonator can be varied to give
electronic control over the resonance frequency and
the coupling strength between the waveguide and the
resonator. This ring resonator and waveguide design is
seen in
Figure 2.The lasers emit at around 8.2 µm within
the mid-IR range. The active coupler waveguide (WG)
allows for separate control over the injected electrical
currents into the WG and the racetrack (RT).
Asymmetric electrical driving can result in a mismatch of
mode indices inside the ring resonators and waveguide.1
Parameters such as the width of the gap, the index of
material in the gap, the length of the coupling region, the
resonator length and its intrinsic loss can be carefully
altered to define the amount of light coupled into the
resonator at a specific wavelength.1 To affect the resonance
of the ring resonator, the amplitude and the phase response
can be tuned. Thus, the resonance frequency, the coupling
strength, and the intrinsic quality factor of the resonator
can be modified for different effects and applications in the
mid-IR range.
Figure 2b shows the theoretical transmission
intensities of different coupling modes based on the tunable
refractive index (n') and round-trip loss coefficient (α) in
three regimes.
Figure 2c shows an optical microscope
image of the racetrack quantum cascade resonator with an
integrated active directional coupler.
The key to mid-IR operation is the core formed by a QCL
active region. The InGaAs waveguides with a low doped InP
cladding contain this core with intersubband transitions. By
changing the optical gain electrically, different parameters
of the waveguide and coupling regime can be tuned.
Researchers demonstrated the ability to tune parameters
and set its operating regime by measuring the transmission
and output of the designed mid-IR ring resonator.
Figure 2. a) Schematic of a ring resonator with a directional coupler. b) Theoretical intensity transmission of the
ring resonator with a tunable refractive index and the round-trip loss coefficient α in the three coupling regimes. The
depictions to the right of the transmission curves schematize the light intensity distribution in the waveguide and the
ring. c) Optical microscope image of the racetrack quantum cascade (QC) resonator with an integrated active directional
coupler. Integrated components are denoted with RT, for the racetrack, WG, for the waveguide coupler and HT, for the
integrated heater. d) Simulated light intensity distribution (λ=7.9μm, n
RT = 3.323) in the coupling region. The inset shows
an optical microscope image of the cross-section of the coupling region. e) Experimental spectrum of the sub-threshold
emission of a Fabry-Perot QC laser fabricated from the same epitaxial material as the ring resonator shown in c.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com