Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC14 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LDTC14
Description  Active Ring Resonators Using Mid-Infrared QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC14 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LDTC14 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LDTC14 Rev. A
Page 5
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Ring resonator, microresonator, mid-infrared photonics,
integrated optics, PICs, quantum cascade laser, tunable
filter, frequency converter, frequency comb generator,
spectroscopy, temperature controller, QCL1500 LAB,
QCL2000 LAB, TC5 LAB
PRODUCTS USED
QCL1500 LAB, QCL2000 LAB, TC5 LAB
REVISION HISTORY
Document Number: CS-LDTC14
REVISION
DATE
NOTES
A
March 2024
Initial Release
REFERENCES
1. Kazakov, D., Letsou, T.P., Beiser, M. et al, Active mid-
infrared ring resonators. Nat Commun. 2024, 607,
15.
https://doi.org/10.1038/s41467-023-44628-7
USEFUL LINKS
•
QCL1500 LAB Product Page
•
QCL2000 LAB Product Page
•
TC LAB Series Product Page
PERMISSIONS
Figures 1 - 5 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
The captions for Figures 1 - 5 were modified. Figure 1 was
cropped from Figure 2. No changes were made to the other
figures. They are presented in their original form.
The developed mid-IR active ring resonator can act as a
filter, wavelength converter, or a frequency comb generator.
Due to the control coupling, resonance detuning, and the
quality factors, the end function of this multifaceted device
can be user-defined post-fabrication.1 These researchers1
realize, "Active ring QCL resonators thus have the potential
of serving as reconfigurable building blocks of larger-scale
agile hybrid mid-IR PICs." This design can also extend to
the entire mid-IR range for many ICL and QCL applications.
WAVELENGTH'S ROLE
All laser devices, including a Fabry-Perot QCL, were driven
with Wavelength Electronics' low-noise current drivers
QCL1500 LAB or QCL2000 LAB and their temperature
was stabilized at 16ºC using Wavelength Electronics' low
thermal drift temperature controller TC5 LAB. It was critical
to have precise control of the drive current as the probe
wavelength was tuned by ramping the injection current. The
RT QCL operation state is highly dependent on the injection
current especially when dealing with frequency comb
generation.
Wavelength Electronics' QCL1500 LAB and QCL2000 LAB
QCL drivers can provide up to 1.5 A and 2.0 A of current to
the QCLs, respectively, with noise current as low as 0.4 µA
(RMS). The average noise density of 4 nA/√Hz is necessary
for the functionality of room temperature frequency combs,
frequency converters, and tunability of the RT QCL design.
Researchers also utilized the precision temperature control
of the TC5 LAB instrument with output current of up to 5 A
and compliance voltage of 15 V. This controller provides
temperature stability of better than 0.0009ºC and provides
the necessary safety for the user and the laser with
integrated and adjustable limit features.
All three instruments make use of an intuitive touchscreen
user interface, automatic settings and data collection, and
complete command sets for remote control. The high-
performance and precision of Wavelength Electronics
provided the necessary stability of the laser sources in the
active mid-IR ring resonators.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com