Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC14 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LDTC14
Description  Active Ring Resonators Using Mid-Infrared QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC14 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LDTC14 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LDTC14 Rev. A
Active Ring Resonators Using
Mid-Infrared QCLs
March 2024
Page 1
ABSTRACT
Researchers in Massachusetts, Austria, and Portugal have designed an active mid-infrared ring resonator
incorporating a quantum cascade active region in the waveguide core with directional couplers. The
resonance frequency, quality factor, and coupling regime and coefficients can all be tuned electrically
to better fit multiple applications. By changing these parameters, the active ring resonator can act as a
tunable filter, a nonlinear frequency converter, or a frequency comb generator. This design allows active
ring resonator integration into the mid-infrared spectral region (3-12 µm) for a variety of applications in
photonic integrated circuits with significant power output of 10 mW for spectroscopy, communication, and
microwave generation.
RING RESONATORS
Ring resonators are one of the most versatile building
blocks of photonic integrated circuits (PICs).1 They have
contributed to scaling down optical laboratory experiments
and making commercial technologies more portable. The
PIC world is growing in applicability and physically shrinking
in size, and it can enable reduction of global electricity
consumption, improved classical and quantum optical signal
processors, and lightweight and cost-effective devices for
spectroscopy.1 But how do ring resonators work?
High quality optical ring resonators use a set of waveguides
to confine light in a small volume and store it for millions of
round-trips. One of the waveguides is a closed loop coupled
to the input and output light (
Figure 1). Light injected
through the input waveguide is partially coupled into the
closed loop and ring resonator, and the other portion
is transmitted into the output facet. Depending on the
material and characteristics of the ring resonator, the field
experiences gain or attenuation for particular wavelengths
and is controlled by the round-trip loss coefficient (α).
Figure 1. Schematic of a ring resonator with a
directional coupler. The field experiences gain or
attenuation depending on the value of α.1
There are two types of resonators using waveguides:
passive and active. Passive resonators can adjust the
resonance frequency of a transparent dielectric waveguide
at kilohertz rates using thermal tuning of the refractive index
or at gigahertz rates using the electro-optic effect. Active
resonators use an amplifying medium in the waveguide
core instead of a transparent medium. This allows not only
the resonance frequency and coupling strength but also
the intrinsic quality factor of the resonator, to be tuned via
electrical or optical pumping to turn absorption into gain.1
Due to the selective wavelength nature of the ring
resonance within the closed loop, ring resonators can
be utilized as optical wavelength filters, modulators,
and frequency converters. The distance between the
waveguide and the ring resonator, the coupling length, and
the refractive indexes of both materials can be tuned for
different applications.
PROBLEMS AND GOALS
Ring resonators are nothing new to the PIC world in near-
infrared (near-IR) and visible ranges, but the mid-IR range
lacks development of PIC tools and solutions. The mid-
IR range is largely dominated by spectroscopy, chemical
and biological sensing, and free space communications
applications, yet compact and powerful laser sources in this
range have been missing. Ultimately, this resulted in less
manufacturing and design of waveguides, resonators, and
integrated photonic chips for these applications. Simply
extending the wavelength range for well established
techniques in the near-IR and visible ranges is not an option
with large losses and the requirement of unconventional
materials.1 A new, state-of-the-art, mid-IR technique for
photonic integration is crucial for ring resonators.


Similar Part No. - CS-LDTC14

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LDTC10 WAVELENGTH-CS-LDTC10 Datasheet
1Mb / 6P
Improved Gas Concentration Model Accuracy in Wavelength Modulation Spectroscopy
January, 2022
CS-LDTC11 WAVELENGTH-CS-LDTC11 Datasheet
3Mb / 7P
Deployable Scintillometer for Ocean Turbulence Using Superluminescent LED
April, 2022
CS-LDTC12 WAVELENGTH-CS-LDTC12 Datasheet
1Mb / 5P
Mapping H2O Transport with Tomographic Absorption Spectroscopy
January, 2023
CS-LDTC13 WAVELENGTH-CS-LDTC13 Datasheet
1Mb / 5P
Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
November, 2023
CS-LDTC15 WAVELENGTH-CS-LDTC15 Datasheet
2Mb / 5P
Laser Light Absorption by Atmospheric Oxygen for 3D Imaging
May, 2024
More results

Similar Description - CS-LDTC14

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED16FC-SMD5 ROITHNER-LED16FC-SMD5 Datasheet
263Kb / 2P
Mid-Infrared LED
LED17FC-SMD5 ROITHNER-LED17FC-SMD5 Datasheet
284Kb / 2P
Mid-Infrared LED
LED18FC-SMD5 ROITHNER-LED18FC-SMD5 Datasheet
272Kb / 2P
Mid-Infrared LED
LED19FC-SMD5 ROITHNER-LED19FC-SMD5 Datasheet
294Kb / 2P
Mid-Infrared LED
LED20FC-SMD5 ROITHNER-LED20FC-SMD5 Datasheet
288Kb / 2P
Mid-Infrared LED
LED21FC-SMD5 ROITHNER-LED21FC-SMD5 Datasheet
297Kb / 2P
Mid-Infrared LED
LED22FC-SMD5 ROITHNER-LED22FC-SMD5 Datasheet
276Kb / 2P
Mid-Infrared LED
LED34FC-SMD5 ROITHNER-LED34FC-SMD5 Datasheet
295Kb / 2P
Mid-Infrared LED,
LED37FC-SMD5 ROITHNER-LED37FC-SMD5 Datasheet
303Kb / 2P
Mid-Infrared LED
logo
Pepperl+Fuchs Inc.
PROSCAN-T-3529 PF-PROSCAN-T-3529 Datasheet
534Kb / 6P
Active infrared scanner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com