Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LDTC14 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LDTC14
Description  Active Ring Resonators Using Mid-Infrared QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LDTC14 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LDTC14 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LDTC14 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC14 Rev. A
Page 3
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3. a) Experimental transmission of the RT coupled to the WG as the wavelength of the probe laser is swept
across the RT resonance. b) Transmitted intensity of the probe signal at 1222cm−1 as function of current density of the
racetrack (RT) and the directional waveguide coupler (WG) and the corresponding least squares model fit. c) Experimental
transmission (dots) and model fit (solid line) as function of the RT current density for the fixed WG current density of
0.52kA cm−2. d) Extracted (dots) and modeled (solid line) RT loaded quality factor (Q) as function of the RT current.
e) Power coupling coefficient, calculated based off the extracted experimental values for the complex indices of the WG
and RT, as function of the WG current for three different values of the RT current. f) Values extracted from the fit shown in
b and c. nRT, background mode index (when the electrical pumping is off) of the RT. Δn, complex index change per unit
of current density. Δn
cross, index change due to thermal crosstalk between WG and RT. |κ|
2
, power coupling coefficient.1
change of the refractive index effectively sweeps the RT
cavity mode resonances. Increasing pumping leads to
narrowing of the resonances, and the mode index mismatch
between the coupled waveguides leads to the change of
the power coupling coefficient |κ|2 between the WG and
the RT.1 By making both simple and complex changes, the
parameters of the active RT resonators and the coupling
regimes can be tuned and controlled.
Each coupling regime can be utilized for appropriate
applications. When the ring resonator is critically coupled,
the extinction ratio on the resonance is useful for sharp
notch filters and intensity modulators. Over-coupled ring
resonators can be used as phase modulators due to the
sharp pi phase change across the resonance and a reduced
resonance contrast.1 These regimes can be chosen on
demand by tuning α.
The next step of testing and proving this mid-IR active ring
resonator is pumping the RT above the lasing threshold to
compensate the loss through the coupler with the stronger
internal gain, creating a nonlinear optical frequency
conversion element. When the ring resonator is operating in
With the RT kept below the lasing threshold, regime control
and tunability of the active quantum cascade resonators are
possible. When the RT is brought to above lasing threshold,
the ring resonator can function as a nonlinear optical
frequency conversion element. When the external probe
laser is removed, the right QCLs can be characterized
as standalone lasers and self-starting frequency comb
generators. In this special experiment, the differences
between RT QCLs with active or directional couplers and
ring QCLs without coupling ports is discovered.
RESULTS
Figure 3 shows the transmission characteristics of the
racetrack-waveguide (RT-WG) system while keeping the
RT below its lasing threshold. By sweeping the wavelength
of the probe laser, a dip in transmission (
Figure 3a) is seen
as a function of probe detuning, and this correlates to an
RT quality factor Q that can be continuously tuned over
two orders of magnitude as population inversion increases
(
Figure 3d). By sweeping the drive currents of both the WG
and the RT (
Figure 3b), the thermal and carrier-induced



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com