| Electronic Components Datasheet Search |
|
CS-TC05 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-TC05 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc. |
|
2 / 5 page ![]() Case Study CS-TC05 Rev. A Page 2 © 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com the properties of the cells.] One of the most important parameters is how the sensor is detected, mainly through fluorescent spectroscopy. For best results, the biosensor needs to have relatively low photostability or a low resistance to change under the influence of light or radiant energy. Using smaller peptides provides easier integration. These short chains of amino acids, linked by peptide bonds, offer higher stability, lower immunogenicity, ease of synthesis, and the simplicity for molecular engineering. With better biodistribution and lower immunogenicity, these peptides can be easily tracked without provoking an immune response. METHOD Researchers from Spain have developed a compact sensor consisting of a fluorescently-labeled peptide, corresponding to a small fraction of the oxygen-dependent degradation (ODD) domain of HIF-1α, that mimics the behavior of HIF-1α under hypoxia conditions. This enables application for the monitorization of hypoxia activity with potential clinical application.1 To develop new hypoxia tracers, a fluorescent peptide needs to imitate the effect of hypoxia on the half-life of HIF-1α. HIF-1α is rapidly degraded in normoxic cells, or cells with normal levels of oxygen, upon hydroxylation of two proline residues: Pro402 and Pro564. These are located in the ODD domain of HIF-1α in Figure 2. From the HIF- 1α ODD domain, the short 16-residues peptide (Leu557 to Leu574) is used as it has been previously reported to lead to pVHL-mediated degradation and retains the oxygen- sensing properties of HIF-1α. The new sensor contains three sections with different functions as seen in Figure 2: 1. An octa-arginine peptide: This controls the cell internalization. 2. A central domain: This is from the HIF-1α degradome able to sense low oxygen levels (557LDLEMLAPYIPMDDDFQL574). 3. The ROX fluorochrome: This long-wavelength rhodamine is characterized by good stability, high quantum yield (0.92), and it acts as the fluorescent reporter for both in vitro and in vivo imaging. In contrast with other fluorescent sensors, the sensing mechanism relies on the higher lifetime of the ODD domain sequence under hypoxic conditions than under normoxia. Thus, peptide 1 was synthesized, and excitation and emission spectra were recorded with a fluorescent spectrometer.1 To test the capabilities and characteristics of peptide 1, human breast cancer cells (MDA-MD 231) were treated with peptide 1. Some of the cells were incubated with the hypoxia-mimetic agents CoCl2 or L-Mimosine to test the stability and degradation of the hypoxia probe. Another probe, 1-SS, was created with a disulfide bridge with the purpose of reducing the half-life of the probe. Two female mice were injected in the tail-vein with either probe 1 or probe 1-SS. Fluorescence pictures were taken every Figure 2. Biosensor design rationale. (a) Domain structures of HIF-1α. The ODD domain regulates the stability of HIF-1α via recognition by the E3 ubiquitin ligase pVHL. (b) Chemical structure of sensor 1.1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |