Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC05 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-TC05
Description  Fluorescent Hypoxia Detection Fluorescent Hypoxia Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC05 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-TC05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-TC05 Rev. A
Page 3
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
two hours. For excitation and emission images, the 570 nm
and 620 nm filters were used, respectively, for specific
fluorescence images. Background fluorescence used the
465 nm and 620 nm filters.
RESULTS
Once the cancer cells were treated with peptide 1,
fluorescence spectra were recorded with the vehicle and
the two hypoxia-mimetic agents, CoCl
2 and L-Mimosine.
Figure 3a shows the fluorescent peptide 1 exhibiting stable
qualities in the presence of both molecules that mimic
hypoxia. This first test validates the hypothesis for the probe
design. This new sensor, compared to the level of signal in
vehicle-treated cells, shows an improved stabilization with
the CoCl
2 and L-Mimosine-treated cells.
For the peptide probe to act similar to HIF-1α, it needs to
be destroyed or eliminated in the same manner. HIF-1α
is degraded by the proteasome upon hydroxylation of the
ODD domain as previously discussed. To confirm similar
behavior with the peptide probe, cells were transfected
with a plasmid encoding anti-hemagglutinin (HA)-tagged
ubiquitin. These cells were treated with probe 1 as shown
in
Figure 3b. This image shows that the degradation of
sensor 1 is tied to the ubiquitin proteasome. Similarly to
HIF-1α, this is what regulates the degradation.
Figure 3. (a) Hypoxia mimetics inhibit sensor degradation. Cells were incubated with hypoxia sensor 1 in the presence
of CoCL
2 (500 µM) and L-Mimosine (800 µM). Scale = 50 µm. (b) Ubiquitination of hypoxia sensor 1 is demonstrated by
immunoprecipitation of HA-tagged ubiquitination substrate. (c) Proteasome degrades sensor 1. Proteasome inhibitor
MG132 inhibits in a dose response manner the degradation of hypoxia probe 1 in MDA-MB 231 cells. Scale = 100 µm.1
Figure 3c shows that if the cells are incubated with hypoxic
sensor 1 and are treated with a proteasome inhibitor
(MG-132), a dose-dependent effect on proteasome
degradation of the fluorescent signal is demonstrated.1
With the introduction of the disulfide bridge in the new
probe, 1-SS, the reduced half-life needed to be established
and tested.
Figure 4a shows the chemical structures of a
second probe, peptide 2, and the probe with the disulfide
bridge, probe 1-SS. The separation of the disulfide bond
in the cytosol, once the compound is internalized, should
facilitate the degradation of the probe.
Probe 1-SS was placed in the presence of CoCl
2 and
L-Mimosine.
Figure 4a (lower panel) shows a faster
reduction of the fluorescence intensity. This indicates an
increased rate of degradation, better relating to HIF-1α. A
reduction in background fluorescence and an enhanced
sensitivity with increasing concentrations of CoCl
2 were
also observed with probe 1-SS when compared to probe 1.
This reduction in background fluorescence signal was
also observed when probe 1 and 1-SS were administered
in vivo to mice. In
Figure 4b, probe 1-SS showed a lower
signal at 8 hours post administration than probe 1 at 24
hours. The fast elimination of fluorophore results in a strong
fluorescence signal in the bladder when probe 1-SS was
administered as seen in the bottom right image.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com