Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC05 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-TC05
Description  Fluorescent Hypoxia Detection Fluorescent Hypoxia Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC05 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-TC05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-TC05 Rev. A
Page 5
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Hypoxia, biosensor, HIF-1a, fluorescence, fluorescent
spectroscopy, peptide, photostability, oxygen-dependent
degradation, ODD, angiogenesis, temperature controller,
LFI-3751
PRODUCTS USED
LFI-3751
REVISION HISTORY
Document Number: CS-TC05
REVISION
DATE
NOTES
A
November 2021
Initial Release
REFERENCES
1. Iglesias, P., Penas, C., Barral-Cagiao, L., Pazos, E.,
Costoya, J. A. A Bio-inspired Hypoxia Sensor using
HIF1a-Oxygen-Dependent
Degradation
Domain,
Sci Rep
9, 7117 (2019). https://doi.org/10.1038/
s41598-019-43618-4
2. Hanahan, D. & Weinberg, R. A. Hallmarks of Cancer:
the Next Generation. Cell
144, 646–674 (2011). https://
doi.org/10.1016/j.cell.2011.02.013
3. Fluegen, G. et al. Phenotypic Heterogeneity of
Disseminated Tumour Cells is Preset by Primary
Tumour Hypoxic Microenvironments. Nat. Cell Biol.
19,
120–132 (2017). https://doi.org/10.1038/ncb3465
4. LaGory, E. L. & Giaccia, A. J. The ever-expanding role
of HIF in tumour and stromal biology. Nat. Cell Biol.
18,
356–365 (2016). https://doi.org/10.1038/ncb3330
USEFUL LINKS
•
LFI Temperature Controller Product Page
PERMISSIONS
Figures 2, 3, & 4 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
No changes were made to the images or the captions. They
are presented here in their original form.
GLOSSARY
• Angiogenesis - The development of new blood vessels
• HIF-1α - The alpha subunit of the Hypoxia-Inducible
Factor that helps regulate the cellular response to lack
of oxygen
• Hypoxia - Lack of oxygen
• Neoangiogenesis - The mechanism, specifically in
cancer or tumors, responsible for the formation of new
blood vessels to sustain and help the tumor cells grow
• ODD - Oxygen-Dependent Degradation
• Photostability - Resistance to change under the influence
of radiant energy and especially of light
• Transfection - The process of artificially introducing
nucleic acids (DNA or RNA) into a cell to modify the cell



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com