Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-TC05 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-TC05
Description  Fluorescent Hypoxia Detection Fluorescent Hypoxia Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-TC05 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-TC05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-TC05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-TC05 Rev. A
Page 4
© 2021 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
This study has shown that the stabilization effect of hypoxia
on the half-life of HIF-1α can be exploited for designing
fluorescent biosensors of hypoxia. The original synthetic
peptide biosensor was modified with an octa-arginine cell-
penetrating peptide and a fluorescent dye. This biosensor's
break-down stability is controlled under hypoxia, and the
fluorescence signal depends on the oxygen availability
in the immediate micro-environment. Further, the probe is
confirmed to degrade by the proteasome upon hydroxylation
of the ODD domain. This is also accelerated by the addition
of a disulfide bridge between the octa-arginine vector and
the ODD domain sensing unit. This probe, unlike other
similar concepts, combines excellent cell internalization
with faster clearance rates, improving sensitivity and
applicability in monitoring hypoxic environments. Not only
could this be utilized to finding tumor masses, but it could
also provide vital information about the tumor's potential
to spread and how aggressively. The developed hypoxia
sensor contributes to a deeper view and understanding
of the tumor micro-environment that modern imaging
techniques cannot provide.1
WAVELENGTH'S ROLE
Due to the highly sensitive nature of fluorescence
spectroscopy, the spectra were recorded with a fluorometer
coupled to Wavelength Electronics' LFI-3751 temperature
controller. The high performance and high precision
LFI-3751 temperature controller ensured stable wavelength
and power of the emitted light. Because the integration time
was minimal (0.50 s), proper performance of the system
was crucial. The measurements with the fluorometer were
made with an increment of 1 nm and slit width of 2 nm,
so narrow linewidth measurements were critical. As the
fluorescence signal depended on the oxygen available,
the fluorometer system needed to accurately and precisely
collect multiple spectra to gain a deeper view on the
environment around the tumor, accessing more information
than typical imaging techniques.
The LFI-3751 temperature controller enables linear stability
of as low as 0.001ºC with a drive current of up to ±5 A to
either thermoelectric coolers or resistive heaters. Autotune
PID allows for a sophisticated algorithm to optimize the PID
control parameters of the load.
By using the LFI-3751 temperature controller, researchers
were able to maintain narrow linewidth, stable wavelength,
and accurate and repeatable results with fluorescence
spectroscopy of the hypoxia sensor.
Figure 4. (a) (upper panel) Chemical structures of peptide 2 and probe 1-SS. (lower panel) Hypoxia mimetics also
inhibit sensor 1-SS degradation. Cells were incubated with hypoxia sensor (1-SS) in the presence of CoCl
2 (500 µM)
and L-Mimosine (800 µM). Scale = 50 µm. (b) Comparison between the clearance time of sensor 1 (up) and 1-SS (down)
in vivo. Images in prone (left) and supine position (right) were taken every two hours during the first eight hours upon
sensor administration and one final time at 24 hours post-injection. Images shown correspond to the last time point where
specific signal from the sensor was detected.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com