Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QCL-LAB Datasheet(PDF) 18 Page - Wavelength Electronics, Inc.

Part # QCL-LAB
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB Datasheet(HTML) 18 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB Datasheet HTML 14Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 15Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 16Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 17Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 18Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 19Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 20Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 21Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 22Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
PROBLEM
POTENTIAL CAUSES
SOLUTIONS
Noise current is higher than expected.
There may be ground loops in the
system; some system components
may be higher noise than expected;
cabling and shielding may be
inadequate.
Refer to Wavelength Electronics Application
Note AN-LD08: Manage Grounding to
Minimize Noise with the QCL Drivers:
www.teamwavelength.com/download/
applicationtechnotes/an-ld08.pdf
Also reference AN-LD09: Troubleshooting
Low Noise Systems:
www.teamwavelength.com/download/
applicationtechnotes/an-ld09.pdf
The output switched off unexpectedly
The instrument detected an internal
error.
(See
Error Messages on page 19.)
Switch the back panel power button off and
then on again, and turn the front panel power
button on.
The internal temperature has
exceeded 70ºC.
Allow the instrument to cool down and then
press the front panel power button.
20 kHz noise is in the output current
QCL driver is operating in current limit.
If safe for the quantum cascade laser,
increase the output current limit setting.
When actively operating in current limit, the
safety circuits add noise to the output.
If I run my QCL at about 5% of maximum
output current, the transfer function
becomes non-linear and I see distortion in
my output current waveform.
QCL driver resolution is too low.
Select a QCL driver with a much lower
maximum output current. For example,
to run 50 mA, request a QCL125 (125 mA
maximum output).
My instrument doesn’t show up in the list.
(
Remote Only)
Your instrument may not be turned on.
Power up the instrument and click
Refresh
on the
Choose Instrument window.
Your instrument may not be plugged in
to the computer.
Check that either a USB or Ethernet cable is
tightly connected to the instrument and to the
computer.
Your instrument may be on a different
sub-net.
Add the sub-net to the
Choose Instrument
window and then click
Refresh.
Actual current does not match the setpoint.
The setpoint exceeds the limit current
setting.
If the limit current can be increased without
damage to the QCL, increase the limit
current setting.
The QCL is compliance voltage
limited.
Increase the Max Supply Voltage slightly to
see if actual current increases. Follow the
instructions on
page 20 to optimally set
the Max Supply Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com