Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 174Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 175Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 176Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 177Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 178Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 179Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 180Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 181Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 178 of 188
Oct 31, 2023
RX65N Group, RX651 Group
Appendix 1. Package Dimensions
Figure C 176-Pin LFQFP (PLQP0176KB-A)
NOTE)
1. DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
b
p
b
1
*1
D
H
D
Terminal cross section
Detail F
L
F
M
S
S
y
e
L
1
x
b
p
*3
Index mark
Z
D
1
176
133
132
89
88
45
44
23.9
24.0
24.1
23.9
24.0
1.4
24.1
25.8
26.0
26.2
25.8
26.0
26.2
0.05
0.1
0.18
0.15
0.15
0.20
0.25
0.09 0.145
0.125
0.5
1.0
1.25
1.25
0°
8°
0.20
0.35
0.5
0.65
0.08
0.10
1.7
JEITA Package Code
RENESAS Code
Previous Code
MASS[Typ.]
P-LFQFP176-24x24-0.50
PLQP0176KB-A
176P6Q-A/FP-176E/FP-176EV
1.8g
L1
c1
θ
b1
A1
A2
A
bp
HE
E
D
HD
ZE
ZD
L
y
x
e
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com