Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 177Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 178Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 179Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 180Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 181Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 182Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 183Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 184Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 181 of 188
Oct 31, 2023
RX65N Group, RX651 Group
Appendix 1. Package Dimensions
Figure F 100-Pin TFLGA (PTLG0100JA-A)
P-TFLGA100-7x7-0.65
0.1g
MASS[Typ.]
100F0G
PTLG0100JA-A
RENESAS Code
JEITA Package Code
Previous Code
0.15
v
0.20
w
0.08
0.485
0.435
0.385
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.0
D
7.0
E
1.05
A
x
0.65
e
0.10
y
b1
b
0.31
0.35
0.39
0.575
ZD
ZE
0.575
Index mark
S
w
A
A
H
G
F
E
D
C
B
12345678
yS
S
A
v
×4
(Laser mark)
Index mark
J
K
910
D
e
A
ZD
B
φ b
φ b1
φ
× MS AB
φ
× MS AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com