Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651EDDFM Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # R5F5651EDDFM
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651EDDFM Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button R5F5651EDDFM Datasheet HTML 180Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 181Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 182Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 183Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 184Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 185Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 186Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 187Page - Renesas Technology Corp R5F5651EDDFM Datasheet HTML 188Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 185 / 188 page
background image
R01DS0276EJ0240 Rev.2.40
Page 185 of 188
Oct 31, 2023
RX65N Group, RX651 Group
REVISION HISTORY
Classifications
- Items with Technical Update document number: Changes according to the corresponding issued Technical Update
- Items without Technical Update document number: Minor changes that do not require Technical Update to be issued
REVISION HISTORY
RX65N Group, RX651 Group Datasheet
Rev.
Date
Description
Classification
Page
Summary
1.00
Aug 24, 2016
—
First edition, issued
2.10
Oct 02, 2017
—
Products with at least 1.5 Mbytes of code flash memory added
The conventional products indicated as “products with 1 Mbyte of code
flash memory or less”
1. Overview
6, 9
Table 1.1 Outline of Specifications (5/9), Note added
TN-RX*-A164B/E
8
Table 1.1 Outline of Specifications (8/9)
Description of the 12-bit D/A converter (R12DA) changed
TN-RX*-A165A/E
4. I/O Registers
131
Table 4.1 List of I/O Registers (Address Order) (46 / 61), changed
TN-RX*-A176A/E
5. Electrical Characteristics
147
Table 5.1 Absolute Maximum Rating, changed
150
Table 5.5 DC Characteristics (3) (Products with 1 Mbyte of code flash
memory or less), changed
TN-RX*-A164B/E
152
Table 5.7 DC Characteristics (4), changed
TN-RX*-A164B/E
TN-RX*-A176A/E
153
Table 5.9 Heat Resistance Value (Reference), added
162
Table 5.21 Timing of Recovery from Low Power Consumption Modes (1),
changed
TN-RX*-A176A/E
189
Table 5.35 RSPI Timing, changed
212
Table 5.49 D/A Conversion Characteristics, changed
TN-RX*-A165A/E
218
Table 5.54 Code Flash Memory Characteristics, changed
219
Table 5.55 Data Flash Memory Characteristics, changed
2.30
Jun 20, 2019
—
64-pin Package Products added
Terms unified:
pull-up MOS → pull-up resistors
pull-down MOS → pull-down resistors
1. Overview
14 to 22
Table 1.3 List of Products, changed
TN-RX*-A204A/E
30
Table 1.4 Pin Functions (6/8), changed
TN-RX*-A0211A/E
47 to 49
Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA),
changed
TN-RX*-A182A/E
52
Table 1.6 List of Pin and Pin Functions (176-Pin LFQFP), changed
4. I/O Registers
136 to 138
Table 4.1 List of I/O Registers (Address Order), changed
TN-RX*-A0211A/E
5. Electrical Characteristics
157
Table 5.5 DC Characteristics (3) (Products with 1 Mbyte of code flash
memory or less), changed
TN-RX*-A0211A/E
158, 159
Table 5.6 DC Characteristics (3) (Products for products with at least 1.5
Mbytes of code flash memory), changed
159
Table 5.7 DC Characteristics (4), changed
161
Table 5.9 Thermal Resistance Value (Reference), changed
TN-RX*-A182A/E
164
Table 5.13 Reset Timing, Unit changed
TN-RX*-A202A/E
206
Figure 5.54 RIIC Bus Interface Input/Output Timing and Simple IIC Bus
Interface Input/Output Timing, changed
216
Table 5.44 SDHI Timing, added
Figure 5.72 SD Host Interface Input/Output Signal Timing, added
TN-RX*-A196A/E
217, 218
Table 5.45 SDSI Timing, added
Figure 5.73 SD Slave Interface Input Signal Timing to
Figure 5.75 SD Slave Interface Output Signal Timing (High Speed Mode),
added
221
Table 5.48 12-Bit A/D (Unit 0) Conversion Characteristics, changed
TN-RX*-A182A/E
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com