Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-QSLMS2-EM Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # GW-QSLMS2-EM
Description  OSCONIQ® S 3030
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-QSLMS2-EM Datasheet(HTML) 3 Page - ams-OSRAM AG

  GW-QSLMS2-EM Datasheet HTML 1Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 2Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 3Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
GW QSLMS2.EM
DATASHEET
DATASHEET
3 | Version 1.6 | 2024-06-06
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 65 mA
Φ
V
GW QSLMS2.EM-H2H5-XX310-1
2200 K
30.0 ... 36.0 lm
Q65113A5095
GW QSLMS2.EM-H2H5-XX510-1
2200 K
30.0 ... 36.0 lm
Q65113A6343
GW QSLMS2.EM-H2H5-XX38-1
2700 K
30.0 ... 36.0 lm
Q65113A5089
GW QSLMS2.EM-H2H5-XX58-1
2700 K
30.0 ... 36.0 lm
Q65113A6344
GW QSLMS2.EM-H5H8-XX37-1
3000 K
34.5 ... 40.5 lm
Q65113A5090
GW QSLMS2.EM-H5H8-XX57-1
3000 K
34.5 ... 40.5 lm
Q65113A6341
GW QSLMS2.EM-H5H8-XX36-1
3500 K
34.5 ... 40.5 lm
Q65113A5091
GW QSLMS2.EM-H5H8-XX56-1
3500 K
34.5 ... 40.5 lm
Q65113A6342
GW QSLMS2.EM-H7H9-XX35-1
4000 K
37.5 ... 42.0 lm
Q65113A5092
GW QSLMS2.EM-H7H9-XX55-1
4000 K
37.5 ... 42.0 lm
Q65113A6338
GW QSLMS2.EM-H7H9-XX33-1
5000 K
37.5 ... 42.0 lm
Q65113A5093
GW QSLMS2.EM-H7H9-XX53-1
5000 K
37.5 ... 42.0 lm
Q65113A6346
GW QSLMS2.EM-H7H9-XX32-1
5700 K
37.5 ... 42.0 lm
Q65113A5094
GW QSLMS2.EM-H7H9-XX52-1
5700 K
37.5 ... 42.0 lm
Q65113A6339
GW QSLMS2.EM-H6H9-XX31-1
6500 K
36.0 ... 42.0 lm
Q65113A5096
GW QSLMS2.EM-H6H9-XX51-1
6500 K
36.0 ... 42.0 lm
Q65113A6340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com