Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-QSLMS2-EM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # GW-QSLMS2-EM
Description  OSCONIQ® S 3030
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-QSLMS2-EM Datasheet(HTML) 5 Page - ams-OSRAM AG

  GW-QSLMS2-EM Datasheet HTML 1Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 2Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 3Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
GW QSLMS2.EM
DATASHEET
DATASHEET
5 | Version 1.6 | 2024-06-06
Characteristics
I
F = 65 mA; TJ = 25 °C
Parameter
Symbol
Values
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 3)
I
F = 65 mA
V
F
min.
typ.
max.
2.65 V
2.70 V
2.75 V
Reverse current 2)
I
R
Not designed
for reverse
operation
Color Rendering Index 4)
CRI
min.
80
Color Rendering Index (R9) 4)
CRI (R9)
min.
0
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 64.1 %
R
thJS elec.
typ.
9.6 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com