Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-QSLMS2-EM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-QSLMS2-EM
Description  OSCONIQ® S 3030
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-QSLMS2-EM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-QSLMS2-EM Datasheet HTML 2Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 3Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 9Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
GW QSLMS2.EM
DATASHEET
DATASHEET
6 | Version 1.6 | 2024-06-06
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 65 mA
I
F = 65 mA
min.
max.
Φ
V
Φ
V
H2
30.0 lm
31.5 lm
H3
31.5 lm
33.0 lm
H4
33.0 lm
34.5 lm
H5
34.5 lm
36.0 lm
H6
36.0 lm
37.5 lm
H7
37.5 lm
39.0 lm
H8
39.0 lm
40.5 lm
H9
40.5 lm
42.0 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
min.
max.
V
F
V
F
1U
2.65 V
2.70 V
1V
2.70 V
2.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com