Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-QSLMS2-EM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-QSLMS2-EM
Description  OSCONIQ® S 3030
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-QSLMS2-EM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-QSLMS2-EM Datasheet HTML 1Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 2Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 3Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 4Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 5Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 6Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 7Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 8Page - ams-OSRAM AG GW-QSLMS2-EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
GW QSLMS2.EM
DATASHEET
DATASHEET
2 | Version 1.6 | 2024-06-06
OSCONIQ® S 3030
GW QSLMS2.EM
The OSCONIQ® S 3030 is a high efficacy package for indoor
professional applications. It uses sapphire flip chip technology
to reach impressive performance and reliability and comes in a
standard form factor to enable drop-in replacements.
Features
- Package: white SMT package
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 80 (min.), R9: 0 (min.)
- ESD: 5 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Luminous Flux: typ. 38.6 lm @ 4000 K
- Luminous Efficacy: typ. 220 lm/W @ 4000 K
- Application: Suitable for General Lighting
- Stable deep dimming at low driving current from 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com