Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDBP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 81Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 86Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 87Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 88Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 85 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note 2. Peripheral module clocks are supplied.
Note 3. ICC depends on the f (ICLK) as follows (when ICLK/PCLKA : PCLKB/PCLKC/PCLKD : BCLK : BCLK pin = 2 : 1 : 2 : 1 and
EXTAL = 12 MHz).
 D version
ICC max = 0.28 × f + 21.0 (full operation in high-speed operating mode)
ICC typ = 0.16 × f + 3.5 (normal operation in high-speed operating mode)
ICC typ = 0.20 × f + 1.4 (ICLK 1 MHz max) (low-speed operating mode 1)
ICC max = 0.14 × f + 21.0 (sleep mode)
 G version
ICC max = 0.31 × f + 30.0 (full operation in high-speed operating mode)
ICC typ = 0.16 × f + 3.5 (normal operation in high-speed operating mode)
ICC typ = 0.20 × f + 1.4 (ICLK 1 MHz max) (low-speed operating mode 1)
ICC max = 0.17 × f + 30.0 (sleep mode)
Note 4. Whether the peripheral module clocks are supplied or stopped is controlled only by the bit settings in the module stop control
registers A to D.
Note 5. When the peripheral module clock is stopped, the settings of the clock frequency are as follows:
ICLK = 120 MHz and PCLKA = PCLKB = PCLKC = PCLKD = FCLK = BCLK = BCLK pin = 3.75 MHz (divided by 64).
Note 6. When the low power consumption function is disabled, the DEEPCUT[1:0] bits are set to 01b.
Note 7. When the low power consumption function is enabled, the DEEPCUT[1:0] bits are set to 11b.
Note 8. These are the increases during programming of the code flash memory after the code flash memory (limitations apply to the
combinations of address ranges of the program area and the readable area) or the data flash memory has been programmed or
erased.
Note 9. Reference value
Note 1. The reference power supply current is included in the power supply current value for 12-bit A/D converter (unit 1).
Note 2. The analog power supply current cannot be separated into IAVCC0 and IAVCC1 in the 48-pin products because AVCC0 and
AVCC1 share the same pin.
Note 3. This applies when VBATT is used.
Table 2.7
DC Characteristics (4)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
D version
G version
Unit
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Analog
power
supply
current*1, *2
During 12-bit A/D conversion (unit 0)
IAVCC0
—0.8
1
—0.8
1
mA
During 12-bit A/D conversion (unit 1)
IAVCC1
—0.6
1
—0.6
1
mA
During 12-bit A/D conversion (unit 1)
+ temperature sensor
—
0.7
1.1
—
0.7
1.1
Waiting for A/D and temperature
sensor conversion (all units)
IAVCC
—
0.9
1.4
—
0.9
1.4
mA
IAVCC = IAVCC0 +
IAVCC1
A/D and temperature sensor are in
standby mode (all units)
—
1.4
6.7
—
1.4
9.0
µA
Reference
power
supply
current
During 12-bit A/D conversion (unit 0)
IVREFH0
—
38
60
—
38
60
µA
Waiting for 12-bit A/D conversion
(unit 0)
—
0.07
0.5
—
0.07
0.6
12-bit A/D converter in module stop
status (unit 0)
—
0.07
0.4
—
0.07
0.5
USB operating current
(increase per channel)
Low speed
ICCUSBLS
—
3.7
6.5
—
3.7
6.5
mA
Full speed
ICCUSBFS
—4.2
10
—4.2
10
mA
CTSU operating current
ICTSU
—
100
—
—
100
—
µA
RAM retension voltage
VRAM
2.7
—
—
2.7
—
—
V
VCC rising gradient
SrVCC
8.4
—
20000
8.4
—
20000 µs/V
VCC falling gradient*3
SfVCC
8.4
—
—
8.4
—
—
µs/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com