Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDBP Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 86Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 87Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 88Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 89Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 86 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Caution: To protect the LSI’s reliability, the output current values should not exceed the values in this table.
Note 1. This is the value when normal driving ability is set with a pin for which normal driving ability is selectable.
Note 2. This is the value when high driving ability is set with a pin for which normal driving ability is selectable or the value of the pin to
which high driving ability is fixed.
Note 3. This is the value when high-speed interface high-driving ability is set with a pin for which high-speed interface high-driving ability
is selectable.
Table 2.8
Permissible Output Currents
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low current
(average value per pin)
All output pins*1
Normal drive
IOL
——
2.0
mA
All output pins*2
High drive
—
—
3.8
All output pins*3
High-speed interface
high-drive
——
7.5
Permissible output low current
(max. value per pin)
All output pins*1
Normal drive
IOL
——
4.0
mA
All output pins*2
High drive
—
—
7.6
All output pins*3
High-speed interface
high-drive
——
15
Permissible output low current (total)
Total of all output pins
ΣIOL
——
80
mA
Permissible output high current
(average value per pin)
All output pins*1
Normal drive
IOH
—
—
–2.0
mA
All output pins*2
High drive
—
—
–3.8
All output pins*3
High-speed interface
high-drive
—
—
–7.5
Permissible output high current
(max. value per pin)
All output pins*1
Normal drive
IOH
—
—
–4.0
mA
All output pins*2
High drive
—
—
–7.6
All output pins*3
High-speed interface
high-drive
—
—
–15
Permissible output high current (total) Total of all output pins
ΣIOH
—
—
–80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com