Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDBP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 21Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 22Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 23Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 24Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 25Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 26Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 27Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 28Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 25 of 179
Sep 30, 2024
12-bit A/D converter
AN000 to AN007,
AN100 to AN111
Input
Input pins for the analog signals to be processed by the A/D
converter
ADTRG0#, ADTRG1#
Input
Input pins for the external trigger signals that start the A/D
conversion
ANEX0
Output
Extended analog output pin
ANEX1
Input
Extended analog input pin
Capacitive touch sensing
unit (CTSU)
TS0 to TS16
I/O
Electrostatic capacitance measurement pins (touch pins).
TSCAP
—
Connect to the VSS via a decoupling capacitor (10 nF) for
stabilizing the internal voltage. The capacitor should be placed
close to the pin.
Analog power supply
AVCC0*1
Input
Analog voltage supply pin for the 12-bit A/D converter (unit 0).
Connect this pin to a branch from the VCC power supply.
Connect the pin to AVSS0 via a 0.1-µF multilayer ceramic
capacitor. The capacitor should be placed close to the pin.
AVSS0*1
Input
Analog ground pin for the 12-bit A/D converter (unit 0). Connect
this pin to a branch from the VSS ground power supply.
Connect the pin to AVCC0 via a 0.1-µF multilayer ceramic
capacitor. The capacitor should be placed close to the pin.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter
(unit 0). Connect this pin to VCC if the 12-bit A/D converter is
not to be used.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter (unit
0). Connect this pin to VSS if the 12-bit A/D converter is not to
be used.
AVCC1*1
Input
Analog voltage supply and reference voltage supply pin for the
12-bit A/D converter (unit 1). This pin also supplies the analog
voltage to the temperature sensor. Connect this pin to a branch
from the VCC power supply. Connect the pin to AVSS1 via a
0.1-µF multilayer ceramic capacitor. The capacitor should be
placed close to the pin.
AVSS1*1
Input
Analog voltage supply and reference voltage supply pin for the
12-bit A/D converter (unit 1). This pin also supplies the analog
ground voltage to the temperature sensor. Connect this pin to a
branch from the VSS ground power supply. Connect the pin to
AVCC1 via a 0.1-µF multilayer ceramic capacitor. The capacitor
should be placed close to the pin.
Table 1.4
Pin Functions (7/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com