Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDBP Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 86Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 87Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 88Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 89Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 90Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 87 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Table 2.9
Normal Output Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = 25°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Output high
level voltage
Normal drive
(P00 to P02, P12 to P14, P27, P36, P40 to P47,
P50 to P52, P54 to P56, P72, P74 to P77,
P80 to P83, P90 to P93, PA0 to PA7,
PB0 to PB7, PC0 to PC7, PD0 to PD7,
PE0 to PE7, PH1, PH2)
VOH
—3.26
—
V
IOH = –0.5 mA
—3.22
—
IOH = –1.0 mA
—3.13
—
IOH = –2.0 mA
—2.94
—
IOH = –4.0 mA
High drive
(P00 to P02, P03, P05, P07, P12 to P17,
P20 to P27, P30 to P34, P37,
P50 to P56, P60 to P67, P70 to P77,
P80 to P83, P86, P87, P90 to P93,
PA0 to PA7, PB0 to PB7, PC0 to PC7,
PD0 to PD7, PE0 to PE7, PF5,
PH1, PH2, PJ3, PJ5)
—3.28
—
IOH = –0.5 mA
—3.25
—
IOH = –1.0 mA
—
3.20
—
IOH = –2.0 mA
—
3.10
—
IOH = –4.0 mA
Highs-peed interface high-drive
(P00 to P02, P12 to P14, P17,
P20 to P23, P27, P30, P31,
P50 to P56, P70, P72, P73 to P77,
P80 to P83, P86, P87, P90 to P93,
PA0 to PA7, PB0 to PB7, PC0 to PC7,
PD0 to PD7, PE0 to PE7, PH1, PH2)
—3.29
—
IOH = –0.5 mA
—3.28
—
IOH = –1.0 mA
—3.25
—
IOH = –2.0 mA
—
3.20
—
IOH = –4.0 mA
—3.18
—
IOH = –5.0 mA
Output low
level voltage
Normal drive
(P00 to P02, P12 to P14, P27, P36, P40 to P47,
P50 to P52, P54 to P56, P72, P74 to P77,
P80 to P83, P90 to P93, PA0 to PA7,
PB0 to PB7, PC0 to PC7, PD0 to PD7,
PE0 to PE7, PH1, PH2)
VOL
—0.04
—
IOL = 0.5 mA
—0.09
—
IOL = 1.0 mA
—0.18
—
IOL = 2.0 mA
—0.39
—
IOL = 4.0 mA
High drive
(P00 to P02, P03, P05, P07, P12 to P17,
P20 to P27, P30 to P34, P37,
P50 to P56, P60 to P67, P70 to P77,
P80 to P83, P86, P87, P90 to P93,
PA0 to PA7, PB0 to PB7, PC0 to PC7,
PD0 to PD7, PE0 to PE7, PF5,
PH1, PH2, PJ3, PJ5)
—0.02
—
IOL = 0.5 mA
—0.04
—
IOL = 1.0 mA
—0.09
—
IOL = 2.0 mA
—0.18
—
IOL = 4.0 mA
Highs-peed interface high-drive
(P00 to P02, P12 to P14, P17,
P20 to P23, P27, P30, P31,
P50 to P56, P70, P72, P73 to P77,
P80 to P83, P86, P87, P90 to P93,
PA0 to PA7, PB0 to PB7, PC0 to PC7,
PD0 to PD7, PE0 to PE7, PH1, PH2)
—0.01
—
IOL = 0.5 mA
—0.02
—
IOL = 1.0 mA
—0.04
—
IOL = 2.0 mA
—0.09
—
IOL = 4.0 mA
—0.11
—
IOL = 5.0 mA
—0.23
—
IOL = 10.0 mA
—0.36
—
IOL = 15.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com