Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDBP Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R5F5671CDDBP
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 137Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 138Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 139Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 140Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 141Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 142Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 143Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 144Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 141 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.7.13
RSPIA
Note 1. tPAcyc: PCLKA cycle
Note 2. When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in
combination with the pins in the same group. All RSPIA AC timings are measured in combination with the pins in the same
group.
Table 2.44
RSPIA Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-speed interface high-drive output is selected by the drive capacity control register.
Item
Symbol
Min.*1
Max.*1
Unit*1
Test
Conditions*2
RSPI
RSPCK clock cycle
Master
tSPcyc
2—
tPAcyc Figure 2.75
Slave
2
—
RSPCK clock high pulse width
Master
tSPCKWH
(tSPcyc – tSPCKr
– tSPCKf) / 2 – 3
—ns
Slave
0.4
0.6
tSPcyc
RSPCK clock low pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr
– tSPCKf) / 2 – 3
—ns
Slave
0.4
0.6
tSPcyc
RSPCK clock rise/fall time
Output
tSPCKr,
tSPCKf
—5
ns
Input
—
1
µs
Data input setup time
Master
tSU
0
—
ns
Figure 2.76 to
Figure 2.82
Slave
2.5
—
Data input hold time
Master
tH
5.7
—
ns
Slave
2.5
—
SSL setup time
Master
tLEAD
18
tSPcyc
Slave
6
—
tPAcyc
SSL hold time
Master
tLAG
18
tSPcyc
Slave
6
—
tPAcyc
Data output delay time
Master
tOD
—4
ns
Slave
—
14
Data output hold time
Master
tOH
0—
ns
Slave
0
—
Successive transmission delay
time
Master
tTD
tSPcyc + 2 × tPAcyc
8 × tSPcyc
+ 2 × tPAcyc
ns
Slave
tSPcyc
—
MOSI and MISO
rise/fall time
Output
tDr, tDf
—5
ns
Input
—
1
µs
SSL
rise/fall time
Output
tSSLr,
tSSLf
—5
ns
Input
—
1
µs
Slave access time
tSA
—
20
ns
Figure 2.79,
Figure 2.80
Slave output release time
tREL
—20
ns
TI SSP SS input setup time
Slave
tTISS
4.5
—
ns
Figure 2.81,
Figure 2.82
TI SSP SS input hold time
Slave
tTISH
2.5
—
ns
TI SSP next-access delay time
Slave
tTIND
2 × tPAcyc +
SLNDL × tPAcyc
—ns
TI SSP SS output delay time
Master
tTISSOD
—7
ns
Figure 2.78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com