Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51406BDFM Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F51406BDFM
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFM Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F51406BDFM Datasheet HTML 26Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 27Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 28Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 29Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 30Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 31Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 32Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 33Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 30 of 121
Nov 22, 2024
RX140 Group
2. Electrical Characteristics
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. This does not include BGO operation. The clock source is PLL. FCLK and
PCLK are set to divided by 64.
Note 3. Clocks are supplied to the peripheral functions. This does not include BGO operation. The clock source is PLL. FCLK is set to
the same frequency as ICLK and PCLK is set to divided by 2 when ICLK is 48 MHz. FCLK and PCLK are set to the same
frequency as ICLK when ICLK is 32 MHz or less.
Note 4. Values when VCC = 3.3 V.
Supply
current*1
Middle-speed
operating mode
Sleep mode
All peripheral
operation: Normal*7
ICLK = 24 MHz
ICC
3.3
—
mA
ICLK = 8 MHz
1.5
—
ICLK = 4 MHz
1.0
—
ICLK = 1 MHz
0.7
—
Deep sleep
mode
No peripheral
operation*6
ICLK = 24 MHz
0.8
—
ICLK = 8 MHz
0.5
—
ICLK = 4 MHz
0.1
—
ICLK = 1 MHz
0.1
—
All peripheral
operation: Normal*7
ICLK = 24 MHz
2.6
—
ICLK = 8 MHz
1.3
—
ICLK = 4 MHz
0.9
—
ICLK = 1 MHz
0.7
—
Increase during flash rewrite*5
2.1
—
Middle-speed
operating
mode 2
Normal
operating mode
No peripheral
operation*8
ICLK = 1 MHz
0.1
—
All peripheral
operation: Normal*9
ICLK = 1 MHz
0.8
—
All peripheral
operation: Max.*9
ICLK = 1 MHz
—
3.0
Sleep mode
No peripheral
operation*8
ICLK = 1 MHz
0.1
—
All peripheral
operation: Normal*9
ICLK = 1 MHz
0.7
—
Deep sleep
mode
No peripheral
operation*8
ICLK = 1 MHz
0.1
—
All peripheral
operation: Normal*9
ICLK = 1 MHz
0.7
—
Increase during flash rewrite*5
1.4
—
Low-speed
operating mode
Normal
operating mode
No peripheral
operation*10
ICLK = 32.768 kHz
2.4
—
µA
All peripheral
operation:
Normal*11, *12
ICLK = 32.768 kHz
7.5
—
All peripheral
operation: Max.
*11, *12
ICLK = 32.768 kHz
—
88.4
Sleep mode
No peripheral
operation*10
ICLK = 32.768 kHz
1.4
—
All peripheral
operation:
Normal*11
ICLK = 32.768 kHz
3.8
—
Deep sleep
mode
No peripheral
operation*10
ICLK = 32.768 kHz
1.0
—
All peripheral
operation:
Normal*11
ICLK = 32.768 kHz
2.8
—
Item
Symbol
Typ.
*4
Max.
Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com