Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51406BDFM Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F51406BDFM
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFM Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F51406BDFM Datasheet HTML 87Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 88Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 89Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 90Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 91Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 92Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 93Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 94Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 91 of 121
Nov 22, 2024
RX140 Group
2. Electrical Characteristics
Note 1. The A/D internal reference voltage indicates the voltage when the internal reference voltage is input to the A/D converter.
Figure 2.54
Equivalent Circuit
Table 2.64
A/D Converter Channel Classification
Classification
Channel
Conditions
Remarks
High-precision channel
AN000 to AN007
AVCC0 = 1.8 to 5.5 V
Pins AN000 to AN007 cannot be used as digital
outputs when the A/D converter is in use.
Normal-precision channel
AN016 to AN021,
AN024 to AN026
Internal reference voltage input
channel
Internal reference
voltage
AVCC0 = 1.8 to 5.5 V
Temperature sensor input channel Temperature sensor
output
AVCC0 = 1.8 to 5.5 V
CTSU input channels
AN008
AVCC0 = 1.8 to 5.5V
Table 2.65
A/D Internal Reference Voltage Characteristics
Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ VREFH0 = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VREFL0 = 0 V, Ta = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Internal reference voltage input channel*1
1.42
1.48
1.54
V
12b - ADC
Cs
Rs
R0
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com