Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51406BDFM Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F51406BDFM
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFM Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F51406BDFM Datasheet HTML 45Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 46Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 47Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 48Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 49Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 50Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 51Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 52Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 49 of 121
Nov 22, 2024
RX140 Group
2. Electrical Characteristics
Note:
Do not exceed the permissible total supply current.
Table 2.17
Permissible Output Currents (2)
Conditions: 1.8 V ≤ VCC ≤ 5.5 V, 1.8 V ≤ AVCC0 ≤ 5.5 V, VSS = AVSS0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
P03 to P07,
P40 to P47, PJ6, PJ7
IOL
8.0
mA
Ports other than above
8.0
Permissible output low current
(maximum value per pin)
P03 to P07,
P40 to P47, PJ6, PJ7
8.0
Ports other than above
8.0
Permissible output low current
Total of P03 to P07,
P40 to P47,
PJ6, PJ7
ΣIOL
30
Total of P12 to P17,
P20, P21, P26 to P27,
P30 to P32, P34 to P37,
PG7, PH2, PH3,
PJ1
30
Total of P54, P55,
PB0 to PB7,
PC2 to PC7,
PH0, PH1
30
Total of PA0 to PA6,
PD0 to PD2,
PE0 to PE5
30
Total of all output pins
60
Permissible output high current
(average value per pin)
P03 to P07,
P40 to P47, PJ6, PJ7
IOH
–4.0
Ports other than above
–4.0
Permissible output high current
(maximum value per pin)
P03 to P07,
P40 to P47, PJ6, PJ7
–4.0
Ports other than above
–4.0
Permissible output high current
Total of P03 to P07,
P40 to P47,
PJ6, PJ7
ΣIOH
–30
Total of P12 to P17,
P20, P21, P26 to P27,
P30 to P32, P34 to P37,
PG7, PH2, PH3,
PJ1
–30
Total of P54, P55,
PB0 to PB7,
PC2 to PC7,
PH0, PH1
–30
Total of PA0 to PA6,
PD0 to PD2,
PE0 to PE5
–30
Total of all output pins
–60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com