Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51406BDFM Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F51406BDFM
Description  Renesas MCUs
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51406BDFM Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F51406BDFM Datasheet HTML 9Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 10Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 11Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 12Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 13Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 14Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 15Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 16Page - Renesas Technology Corp R5F51406BDFM Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
R01DS0379EJ0120 Rev.1.20
Page 13 of 121
Nov 22, 2024
RX140 Group
1. Overview
Note 1. This is not supported by products with 64 Kbytes of ROM.
Serial peripheral
interface
RSPCKA
I/O
Input/output pin for the RSPI clock.
MOSIA
I/O
Input/output pin for transmitting data from the RSPI master.
MISOA
I/O
Input/output pin for transmitting data from the RSPI slave.
SSLA0
I/O
Input/output pin to select the slave for the RSPI.
SSLA1 to SSLA3
Output
Output pins to select the slave for the RSPI.
CAN module
CRXD0
Input
Input pin
CTXD0
Output
Output pin
12-bit A/D
converter
AN000 to AN007,
AN016 to AN021, AN024 to
AN026
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0#
Input
Input pin for the external trigger signal that start the A/D conversion.
D/A converter
DA0, DA1
Output
Analog output pins of the D/A converter.
Comparator B
CMPB0, CMPB1
Input
Input pin for the analog signal to be processed by comparator B.
CVREFB0, CVREFB1
Input
Analog reference voltage supply pin for comparator B.
CMPOB0, CMPOB1
Output
Output pin for comparator B.
Capacitive touch
sensing unit
TS0 to TS35
I/O
Electrostatic capacitance measurement pins (touch pins).
TSCAP
—
Connect to the VSS via a decoupling capacitor (10 nF) for stabilizing the
internal voltage
Analog power
supply
AVCC0
Input
Analog voltage supply pin for the 12-bit A/D converter and D/A converter.
Connect this pin to VCC when not using the 12-bit A/D converter and D/A
converter.
AVSS0
Input
Analog ground pin for the 12-bit A/D converter and D/A converter. Connect
this pin to VSS when not using the 12-bit A/D converter and D/A converter.
VREFH0
Input
Analog reference voltage supply pin for the 12-bit A/D converter.
VREFL0
Input
Analog reference ground pin for the 12-bit A/D converter.
I/O ports
P03 to P07
I/O
5-bit input/output pins.
P12 to P17
I/O
6-bit input/output pins.
P20, P21, P26, P27
I/O
4-bit input/output pins.
P30 to P32, P34 to P37
I/O
7-bit input/output pins (P35 input pin).
P40 to P47
I/O
8-bit input/output pins.
P54, P55
I/O
2-bit input/output pins.
PA0 to PA6
I/O
7-bit input/output pins.
PB0 to PB7
I/O
8-bit input/output pins.
PC2 to PC7
I/O
6-bit input/output pins.
PD0 to PD2
I/O
3-bit input/output pins.
PE0 to PE5
I/O
6-bit input/output pins.
PG7
I/O
1-bit input/output pin.
PH0 to PH3, PH6*1, PH7*1
I/O
6-bit input/output pins (PH6, PH7: input pins).
PJ1, PJ6, PJ7
I/O
3-bit input/output pins.
Table 1.4
Pin Functions (3/3)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com