Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8SLVP1212 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 8SLVP1212 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 9Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 10Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 11Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 12Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 13Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 14Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 15Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
12
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Recommendations for Unused Input and Output Pins
Inputs:
PCLKx/nPCLKx Inputs
For applications not requiring the use of a differential input, both the
PCLKx and nPCLKx pins can be left floating. Though not required,
but for additional protection, a 1k resistor can be tied from PCLKx
to ground. For applications
Outputs:
LVPECL Outputs
All unused LVPECL outputs can be left floating. We recommend that
there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com