Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8SLVP1212 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 8SLVP1212 Datasheet HTML 14Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 15Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 21Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
18
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
Termination for Q, nQ LVPECL Outputs AC-Coupled into HCSL-Receiver
Figure 7. LVPECL Output AC-Coupled into HCSL
Receiver
Table 6. Termination Resistors
Table 7. HCSL Receiver Voltage Bias
Qy
nQy
RT
LVPECL
RT
0.1µF
0.1µF
50
50
VCC
R2
R4
R3
VDD (Receiver)
R1
HCSL
VCC = 2.5V
VCC = 3.3V
RT
100Ω
180Ω
VDD = 2.5V
VDD = 3.3V
R1, R3
357Ω
470Ω
R2, R4
58Ω
56Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com