Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8SLVP1212 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 8SLVP1212
Description  Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP1212 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 8SLVP1212 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 21Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 22Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 23Page - Renesas Technology Corp 8SLVP1212 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
R31DS0036EU0300 MAY 20, 2021
20
©2021 Renesas Electronics Corporation
8SLVP1212 Datasheet
3. Calculations and Equations.
The purpose of this section is to calculate the power dissipation for the LVPECL output pair.
The LVPECL output driver circuit and termination are shown in Figure 8.
Figure 8. LVPECL Driver Circuit and Termination
To calculate power dissipation per output pair due to loading, use the following equations which assume a 50 load,
and a termination voltage of VCC – 2V.
•
For logic high, VOUT = VOH_MAX = VCC_MAX – 0.6V
(VCC_MAX – VOH_MAX) = 0.6V
•
For logic low, VOUT = VOL_MAX = VCC_MAX – 1.28V
(VCC_MAX – VOL_MAX) = 1.28V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOH_MAX) = [(2V - (VCC_MAX – VOH_MAX))/RL] * (VCC_MAX – VOH_MAX) =
[(2V – 0.6V)/50] * 0.6V =
16.8mW
Pd_L = [(VOL_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOL_MAX) = [(2V – (VCC_MAX – VOL_MAX))/RL] * (VCC_MAX – VOL_MAX) =
[(2V – 1.28V)/50] * 1.28V =
18.4mW
Total Power Dissipation per output pair = Pd_H + Pd_L =
35.2mW
V
OUT
V
CC
V
CC - 2V
Q1
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com