Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852T Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC852T_07 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
61
Mechanical Data and Ordering Information
16.1.1
JEDEC Compliant Pinout
Figure 63 shows the JEDEC pinout of the PBGA package as viewed from the top surface. For additional
information, see the MPC866 PowerQUICC™ Family Reference Manual.
NOTE: This is the top view of the device.
Figure 63. Pinout of PBGA Package—JEDEC Standard
N/C
WR
VDDL
BDIP
BR
CR
ALE_A
KR
OP0
OP3
EXTAL
N/C
CS7 GPL_A2 WE2
BS_A0 VDDL
A28
A18
A23
A19
A14
A7
A2
A1
N/C
CS0
CE2_A GPL_A3 WE3
GPL_A0
GPL_A4 CS3
CS5
WE1
BS_A2
A26
A25
A21
A17
A12
A8
A3
N/C
BI
CS2
OE
MII_CRS BS_A3
A22
A30
WE0
BS_A1
A24
TS
TEA
A29
A27
A13
A9A6A0
N/C
A20
A15
A10A4N/C
PB29
VDDL
A
B
C
D
E
MII_COL
BB
VFLS_1 RSV
BURST
DSCK VFLS_0
AS BADDR30
OP1
OP2
BADDR29 BADDR28
VDDL
XTAL EXTCLK WAIT_A
PORST VDDSYN VSSSYN1
PC12
PA11
TMS
TRST
VDDL
MDIO
PA10
PB24
G
H
J
F
PA8
PA9
PC6
PA3
PA1
PB15
VDDL
PA0
PD12
PD14
N/C
PD11
GND
K
L
VDDH
M
N
VDDL IP_A7
IP_A2
PD10
N/C
D31
IP_A0
IP_A4
DP2
D6
D19
D5
D2
D27
D13
D0
PD5
PD7
N/C
D28
D7
D22
VDDL
D18
D3
D1
D4
D8 MII_TXEN
P
R
T
D30
12
34
56
7
8
910
11
12
13
14
15
16
GPL_A5
TA
BG
HRESET
RSTCONF
VDDL
N/C
VSSSYN
DP0
DP3
IP_A5
D25
D21
D15
D10
D17
IRQ7
PD6
PD9
CLKOUT
D29
D24
D20
D16
D11
D12
IRQ0
PD4
DP1
PB31
PC13
PB30
TDO
PB28
TDI
TCK
PB25
PC5
PC7
PD13
PA2
N/C
PC4
PD8
PD15
A31
CS6
PC15
D23
SRESET
FRZ
CE_1A
CS4
TSIZ1
A16
A11
A5
N/C
TSIZ0
IP_A3
IP_A6
D26
D14
D9
IRQ1
PD3
IP_A1
CS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com