Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852T Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC852T_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
8
Freescale Semiconductor
Power Dissipation
5
Power Dissipation
Table 4 provides power dissipation information. The modes are 1:1, where CPU and bus speeds are equal,
and 2:1 mode, where CPU frequency is twice bus speed.
6
DC Characteristics
Table 5 provides the DC electrical characteristics for the MPC852T.
Table 4. Power Dissipation (PD)
Die Revision
Bus Mode
Frequency
(MHz)
Typical1
1 Typical power dissipation is measured at 1.9 V.
Maximum2
2 Maximum power dissipation at V
DDL and VDDSYN is at 1.9 V. and VDDH is at 3.465 V.
NOTE
Values in Table 4 represent VDDL-based power
dissipation, and do not include I/O power dissipation
over VDDH. I/O power dissipation varies widely by
application that buffer current can cause, depending on
external circuitry.
The VDDSYN power dissipation is negligible.
Unit
0
1:1
50
110
140
mW
66
150
180
mW
2:1
66
140
160
mW
80
170
200
mW
100
210
250
mW
Table 5. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDH
3.135
3.465
V
VDDL
1.7
1.9
V
VDDSYN
1.7
1.9
V
Difference between
VDDL to VDDSYN
—100
mV
Input high voltage (all inputs except PA[0:3], PA[8:11],
PB15, PB[24:25]; PB[28:31], PC[4:7], PC[12:13], PC15,
PD[3:15], TDI, TDO, TCK, TRST, TMS, MII_TXEN,
MII_MDIO)1
VIH
2.0
3.465
V
Input low voltage
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7
× VDDH
VDDH
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com