Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852T Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC852T_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
14
Freescale Semiconductor
Bus Signal Timing
12 Bus Signal Timing
The maximum bus speed that the MPC852T supports is 66 MHz. Table 7 shows the frequency ranges for
standard part frequencies.
Table 9 provides the bus operation timing for the MPC852T at 33, 40, 50, and 66 MHz.
The timing for the MPC852T bus shown assumes a 50-pF load for maximum delays and a 0-pF load for
minimum delays. CLKOUT assumes a 100-pF load maximum delay
Table 7. Frequency Ranges for Standard Part Frequencies (1:1 Bus Mode)
Part Frequency
50 MHz
66 MHz
Min
Max
Min
Max
Core
40
50
40
66.67
Bus
40
50
40
66.67
Table 8. Frequency Ranges for Standard Part Frequencies (2:1 Bus Mode)
Part Frequency
50 MHz
66 MHz
80 MHz
100 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Core
40
50
40
66.67
40
80
40
100
Bus 2:1
20
25
20
33.33
20
40
20
50
Table 9. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
Bus period (CLKOUT) See Table 7
————————
ns
B1a
EXTCLK to CLKOUT phase skew—If
CLKOUT is an integer multiple of
EXTCLK, then the rising edge of EXTCLK
is aligned with the rising edge of CLKOUT.
For a non-integer multiple of EXTCLK, this
synchronization is lost, and the rising
edges of EXTCLK and CLKOUT have a
continuously varying phase skew.
–2
+2
–2
+2
–2
+2
–2
+2
ns
B1b
CLKOUT frequency jitter peak-to-peak
—
1
—
1
—
1
—
1
ns
B1c
Frequency jitter on EXTCLK1
—
0.50
—
0.50
—
0.50
—
0.50
%
B1d
CLKOUT phase jitter peak-to-peak for
OSCLK
≥ 15 MHz
—4
—4
—4
—4
ns
CLKOUT phase jitter peak-to-peak for
OSCLK < 15 MHz
—5
—5
—5
—5
ns
B2
CLKOUT pulse width low (MIN = 0.4
× B1,
MAX = 0.6
× B1)
12.1
18.2
10.0
15.0
8.0
12.0
6.1
9.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com