Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852T Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC852T_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC852T_07 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
Freescale Semiconductor
67
Mechanical Data and Ordering Information
MII_MDIO
G16
Bidirectional
(5-V tolerant)
MII_TXEN
T14
Output
(5-V tolerant)
MII_COL
F2
Input
VSSSYN
N4
PLL analog GND
VSSSYN1
P3
PLL analog GND
VDDSYN
P2
PLL analog VDD
GND
G6, G7, G8, G9, G10, G11, H6, H7, H8, H9, H10, H11, J6, J7, J8, J9,
J10, J11, K6, K7, K8, K9, K10, K11
Power
VDDL
A7, C1, D16, G15, L4, M2, R1, M15, T8
Power
VDDH
F5, F6, F7, F8, F9, F10, F11, F12, G5, G12, H5, H12, J5, J12,
K5, K12, L5, L6, L7, L8, L9, L10, L11, L12
Power
N/C
A1, A16, B16, C15, D14, E12, L13, M4, P15, R16, T1, T16
No connect
Table 30. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com