Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852T Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC852T Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
4
Freescale Semiconductor
Features
Two baud rate generators
— Independent (can be connected toany SCC3/4 or SMC1)
— Allows changes during operation
— Autobaud support option
Two SCCs (serial communication controllers)
— Ethernet/IEEE 802.3® standard optional on SCC3 and SCC4, supporting full 10-Mbps
operation
— HDLC/SDLC
— HDLC bus (implements an HDLC-based local area network (LAN))
— Universal asynchronous receiver transmitter (UART)
— Totally transparent (bit streams)
— Totally transparent (frame-based with optional cyclic redundancy check (CRC))
One SMC (serial management channel)
— UART
One SPI (serial peripheral interface)
— Supports master and slave modes
— Supports multimaster operation on the same bus
PCMCIA interface
— Master (socket) interface, release 2.1 compliant
— Supports one independent PCMCIA socket; 8-memory or I/O windows supported
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two
operate on data
— Supports conditions: =
≠ < >
— Each watchpoint can generate a break point internally
Normal high and normal low power modes to conserve power
1.8 V core and 3.3-V I/O operation with 5-V TTL compatibility. Refer to Table 5 for a listing of
the 5-V tolerant pins.
Figure 1 shows the MPC852T block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com