Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1V Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 83Page - STMicroelectronics PSD813F1V Datasheet HTML 84Page - STMicroelectronics PSD813F1V Datasheet HTML 85Page - STMicroelectronics PSD813F1V Datasheet HTML 86Page - STMicroelectronics PSD813F1V Datasheet HTML 87Page - STMicroelectronics PSD813F1V Datasheet HTML 88Page - STMicroelectronics PSD813F1V Datasheet HTML 89Page - STMicroelectronics PSD813F1V Datasheet HTML 90Page - STMicroelectronics PSD813F1V Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
-90
-12
-15
PT
TURBO
Slew
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Aloc
OFF
*
Rate
Unit
Maximum Frequency
External Feedback
1/(tSA+t COA)
26.32
23.25
20.4
MHz
Maximum Frequency
fMAXA
Internal Feedback
1/(tSA+t COA–10)
35.71
30.30
25.64
MHz
(fCNTA)
Maximum Frequency
Pipelined Data
1/(tCH A+t CLA)
41.67
35.71
33.3
MHz
tSA
Input Setup Time
8
10
12
Add 2
Add 10
ns
tHA
Input Hold Time
12
14
14
ns
tCHA
Clock Input High Time
12
14
15
Add 10
ns
tCLA
Clock Input Low Time
12
14
15
Add 10
ns
tCOA
Clock to Output Delay
30
33
37
Add 10 Sub 2
ns
tARDA
CPLD Array Delay
Any Micro
⇔Cell
16
18
22
Add 2
ns
tMINA
Minimum Clock Period
1/ fCNTA
28
33
39
ns
CPLD Micro
⇔Cell Asynchronous Clock Mode Timing (5 V ± 10% Versions)
*ZPSD versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com