Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1V Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 5Page - STMicroelectronics PSD813F1V Datasheet HTML 6Page - STMicroelectronics PSD813F1V Datasheet HTML 7Page - STMicroelectronics PSD813F1V Datasheet HTML 8Page - STMicroelectronics PSD813F1V Datasheet HTML 9Page - STMicroelectronics PSD813F1V Datasheet HTML 10Page - STMicroelectronics PSD813F1V Datasheet HTML 11Page - STMicroelectronics PSD813F1V Datasheet HTML 12Page - STMicroelectronics PSD813F1V Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
Preliminary
PSD813F1-A
5
3.0
General
Information
The PSD813F1 series architecture allows In-System Programming of all Memory, PLD
Logic and Device Configuration. The embedded Input and Output Micro
⇔Cells enable
efficient implementation of user defined logic functions that require both software and
hardware interaction. The devices eliminate the need for discrete ‘glue’ logic, and allow the
development of entire systems using only a few highly integrated devices.
4.0
PSD813F1
Family
All PSD813F1 devices provide these features: 1 Mbit main Flash Memory, JTAG port,
CPLD, DPLD, power management, and 27 I/O pins. The PSD813F1 also adds 64 bytes of
OTP memory for any use (product serial number, calibration constants, etc.). Once written,
the OTP memory can never be altered.
The following table summarizes the PSD813F1:
Part #
Flash
Additional
No. of
Serial ISP
Main Memory
Memory for
PSD813F1
I/O
Micro
⇔Cells JTAG/ISC
Kbit
Boot and/or Data
SRAM
Turbo
Supply
Family
Device
Pins
Input/Output
Port
(8 Sectors)
(4 Sectors)
Kbit
Mode
Voltage
PSD813F1
PSD813F1
27
24/16
Yes
1024
256 Kbit EEPROM
16
Yes
5V
PSD813F1V
PSD813F1V
27
24/16
Yes
1024
256 Kbit EEPROM
16
Yes
3V
Table 1. PSD813F1 Product Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com