Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-08-E. Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # P2RFZ-08-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-08-E. Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button P2RFZ-08-E. Datasheet HTML 2Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 3Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 4Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 5Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 6Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 7Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 9Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
G2R-
@-S (S)
For Screw Terminal Sockets (P2RFZ-05/P2RFZ-08)
Terminal covers
Note: 1. These covers cannot be used for P2RF-05 and P2RF-08.
2. Use these covers in a combination with P2RFZ-05 and P2RFZ-08.
3. Do not install short bars (optional) on the upper section (see the figure below).
Short bars may interfere with the terminal cover, making the terminal cover unusable.
Dimensions with terminal cover
Labels
Note: This label cannot be applied on sockets other than P2RFZ-
@-E.
Mounting Tracks
*1. When mounting DIN rail, please use End Plate (PFP-M).
*2. Used to mount several P2R-05A and P2R-08A Connecting Sockets side by side.
Applicable sockets
Appearance
Model
Minimum order (set)
P2RFZ-05
P2RFZ-08
P2CZ-C
Applicable sockets
Model
Minimum order (sheet)
(quantity per sheet)
P2RFZ-
@-E
XW5Z-P2.5LB1
5
1 sheet (72 pieces)
Applicable Socket
Description
Model
Minimum order
(quantity)
Track-connecting Socket
Mounting track
50 cm (l) × 7.3 mm (t): PFP-50N
---
1 m (l) × 7.3 mm (t):
PFP-100N
1 m (l) × 16 mm (t):
PFP-100N2
End plate *1
PFP-M
10
Spacer
PFP-S
Back-connecting Socket
Mounting plate *2
P2R-P
1
Upper section
Lower section
P2RFZ Series
19.5 max.
4.2
1
54 max.
35.5 max.
71.5 max.
1.5
19.5 max.
4.2
1
1
1.5
71.5 max.
35.5 max.
54 max.
P2RFZ-05
P2RFZ-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com