Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-08-E. Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # P2RFZ-08-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-08-E. Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button P2RFZ-08-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 15Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 16Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 17Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 18Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 19Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 20Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
G2R-
@-S (S)
Safety Precautions
Be sure to read the Common Precautions for All Relay in the website at the following URL:
http://www.ia.omron.com/.
Refer to Products Related to Common Sockets and DIN Tracks for precautions on the applicable Sockets.
Refer to PYF-
@@-PU/P2RF-@@-PU for precautions on Push-In Plus Terminal Block Sockets.
Warning Indications
• Do not use the test button for any purpose other than testing. Be
sure not to touch the test button accidentally as this will turn the
contacts ON. Before using the test button, confirm that circuits, the
load, and any other connected item will operate safely.
• Check that the test button is released before turning ON relay cir-
cuits.
• If the test button is pulled out too forcefully, it may bypass the mo-
mentary testing position and go straight into the locked position.
• Use an insulated tool when you operate the test button.
About the Built-in Diodes
The diodes that are built into the Relays are designed to absorb
reverse voltage from the Relay’s coil. If a large surge in voltage is
applied to the diode from an external source, the element will be
destroyed.
If there is the possibility of large voltage surges that could be applied
to the elements from an external source, take any necessary surge
absorption measures.
Latching Levers
• Turn OFF the power supply when operating the latching lever.
After you use the latching lever always return it to its original state.
• Do not use the latching lever as a switch.
• The latching lever can be used for 100 operations minimum.
Relay Replacement
To replace the Relay, turn OFF the power supply to the load and
Relay coil sides to prevent unintended operation and possible
electrical shock.
Coil tape color
Pink tape is used for the AC coil type and blue tape is used for the DC
coil type, making it easy to distinguish AC and DC.
Screw terminal socket
• Use the following tightening torque for screws during wiring.
• Use the following wire diameters as a guide for wiring.
(Select the appropriate wire diameter for the current used.)
Using a short-circuit bar
• Use the short-circuit bar that is suitable for the socket you are using
and the location of use.
• Note that the P2DN short-circuit bar for the P2RFZ-E Socket has
both a short-circuit bar for shorting coil terminals and a short-circuit
bar for shorting contact COM terminals.
• The short-circuit bar can be cut to match any number of poles. Cut
with a tool as appropriate for the number of relays and sockets.
When using a cut short-circuit bar, take care to avoid injuring your-
self on the cut surface.
• When cutting with a tool, insert the tool from the plastic part and cut
along the slot in the plastic part between terminals. If you cut a part
other than the slot in the plastic part between terminals, it may not
be possible to attach the insulating cap.
• When using a cut short-circuit bar (P2DN), always use the provid-
ed cap to protect the charger part.
• Use the short-circuit bar to short-circuit two or more coil terminals,
or two or more contact COM terminals.
• Do not use a deformed short-circuit bar. Risk of failure, malfunc-
tioning, or deterioration of characteristics.
• In socket terminals, insert the short-circuit bar in the correct orien-
tation all the way into all terminals, and then secure with screws.
• Install the short -circuit bar before wiring.
Common connection method when using a short bar
• When connecting the P2RF-@@-PU input common, insert the short
bar into only the A1 or A2 side.
CAUTION
Indicates a potentially hazardous
situation which, if not avoided, may result
in minor or moderate injury or in property
damage.
Precautions for
Correct Use
Supplementary comments on what to do
or avoid doing to prevent failure to
operate, malfunction, or undesirable
effects on product performance.
Cation
Precautions for Correct Use
Model
Tightening torque
P2RF-05
P2RF-08
0.78 to 1.18 N
⋅m
P2RFZ-05-E
P2RFZ-08-E
P2RF-05-E
P2RF-08-E
0.59 to 0.88 N
⋅m
*Use a No. 1 screwdriver.
Model
Recommended wire diameter (mm2)
P2RF-05
P2RF-08
Stranded wire
0.75 to 2.5 mm2
AWG 18 to 14
Solid wire
0.75 to 2.0 mm2
AWG 18 to 14
P2RFZ-05-E
P2RFZ-08-E
P2RF-05-E
P2RF-08-E
Stranded wire
0.75 to 2.5 mm2
AWG 18 to 14
Solid wire
0.75 to 1.5 mm2
AWG 18 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com