Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-08-E. Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # P2RFZ-08-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-08-E. Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button P2RFZ-08-E. Datasheet HTML 13Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 14Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 15Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 16Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 17Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 18Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 19Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 20Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
G2R-
@-S (S)
Mounting Tracks
End Plate
Spacer
Mounting Plate
P2R-P
PFP-100N, PFP-50N
PFP-100N2
4.5
15
25
25
25
25
10
10
1,000 (500)
7.3
±0.15
35
±0.3
27
±0.15
1
4.5
15
25
25
25
25 15
10
10
1,000
35
±0.3 27
24
16
29.2
1
1.5
15 (5)
It is recommended to use a panel 1.6 to 2.0 mm thick.
PFP-M
PFP-S
50
11.5
10
6.2
1.8
1
35.5 35.3
1.8
1.3
4.8
5
16
12
44.3
34.8
10
16.5
M4 x 8 pan
head screw
90
4.5
49 42±0.1
9±0.1
9±0.1
18±0.15 18±0.15 18±0.15
72±0.2
18±0.15
R2.25
10-
Ellipse hole
13.6
Square hole
3.4
30.5
t=1.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com