Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RFZ-08-E. Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # P2RFZ-08-E.
Description  FQ2-S25050F
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RFZ-08-E. Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button P2RFZ-08-E. Datasheet HTML 4Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 5Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 6Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 7Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 8Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 9Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 10Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 11Page - Omron Electronics LLC P2RFZ-08-E. Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
G2R-
@-S (S)
Characteristics
Note: Values in the above table are the initial values.
* These values are relay only. Prease refer to the “Products Related to Common Sockets and DIN Tracks Data Sheet” for connecting sockets.
Approved Standards
UL 508 (File No. E41643)
CSA 22.2 No.0, No.14
(File No. LR31928)
IEC/VDE (Certificate No. 40015012 EN 61810-1)
LR
Item
1 pole
2 poles
Contact configration
SPDT
Contact structure
Single
Contact resistance
100 m
Ω max.
Operate (set) time
15 ms max.
Release (reset) time
AC: 10 ms max.; DC: 5 ms max.
(w/built-in diode: 20 ms max.)
AC: 15 ms max.; DC: 10 ms max.
(w/built-in diode: 20 ms max.)
Max. operating
frequency
Mechanical:
18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength *
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts;
1,000 VAC, 50/60 Hz for 1 min between contacts of
same polarity
5,000 VAC, 50/60 Hz for 1 min between coil and contacts;
3,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Malfunction:
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock resistance
Destruction:
1,000 m/s2
Malfunction:
200 m/s2 when energized; 100 m/s2 when not energized
Endurance
Mechanical:
AC coil: 10,000,000 operations min.;
DC coil: 20,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr under rated load)
Ambient temperature
Operating:
–40
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating:
5% to 85%
Weight
Approx. 20 g
Model
Contact
form
Coil ratings
Contact ratings
Opera-
tions
G2R-1-S (S) SPDT
5 to 110 VDC
6 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use) 100 × 10
3
TV-3 (NO contact only)
25 × 103
G2R-2-S (S) DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
100 × 103
TV-3 (NO contact only)
25 × 103
Model
Contact
form
Coil ratings
Contact ratings
Opera-
tions
G2R-1-S (S) SPDT
5 to 110 VDC
6 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
100 × 103
TV-3 (NO contact only)
25 × 103
G2R-2-S (S) DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use) 100 × 10
3
TV-3 (NO contact only)
25 × 103
Contact
form
Coil ratings
Contact ratings
Operations
1 pole
6, 12, 24, 48 VDC
24, 110, 120, 230,
240 VAC
5 A, 440 VAC (cos
φ = 1.0)
10 A, 250 VAC (cos
φ = 1.0)
10 A, 30 VDC (0 ms)
100 × 103
2 poles
6, 12, 24, 48 VDC
24, 110, 120, 230,
240 VAC
5 A, 250 VAC (cos
φ =1.0)
5 A, 30 VDC (0 ms)
100 × 103
Number
of poles
Coil ratings
Contact ratings
Operations
1 pole
5 to 110 VDC
6 to 240 VDC
10 A, 250 VAC (general use)
7.5 A, 250 VAC (PF0.4)
10 A, 30 VDC (resistive)
5A, 30VDC (L/R=7ms)
100 × 103
2 poles
5 to 110 VDC
6 to 240 VDC
5 A, 250 VAC (general use)
2 A, 250 VAC (PF0.4)
5 A, 30 VDC (resistive)
3A, 30VDC (L/R=7ms)
100 × 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com