Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 3 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Interface Pin Function
Pin No. Symbol Description
1
/CS1
This is the chip select signal. When /CS1 = “L” and CS2 = “H”, then the
chip select becomes active, and data/command I/O is enabled.
2
/RES
When /RES is set to “L”, the register settings are initialized (cleared).
The reset operation is performed by the /RES signal level.
3
A0
This is connect to the least significant bit of the normal MPU address bus,
and it determines whether the data bits are data or command.
A0 = “H”: Indicates that D0 to D7 are display data.
A0 = “L”: Indicates that D0 to D7 are control data.
4
/WR
• When connected to 8080 series MPU, this pin is treated as the “/WR”
signal of the 8080 MPU and is LOW-active.
The signals on the data bus are latched at the rising edge of the /WR
signal.
• When connected to 6800 series MPU, this pin is treated as the “R/W”
signal of the 6800 MPU and decides the access type :
When R/W = “H”: Read.
5
/RD
• When connected to 8080 series MPU, this pin is treated as the “/RD”
signal of the 8080 MPU and is LOW-active.
The data bus is in an output status when this signal is “L”.
• When connected to 6800 series MPU, this pin is treated as the “E”
signal of the 6800 MPU and is HIGH-active.
This is the enable clock input terminal of the 6800 Series MPU.
6
D0
This is an 8-bit bi-directional data bus that connects to an 8-bit or 16-bit
standard
MPU data bus.
When the serial interface (SPI-4) is selected (P/S = “L”) :
D7 : serial data input (SI) ; D6 : the serial clock input (SCL). D0 to D5
should be connected to VDD or floating.
When the chip select is not active, D0 to D7 are set to high impedance.
7
D1
8
D2
9
D3
10
D4
11
D5
12
D6
13
D7
14
VDD Power supply Power supply
15
GND Ground
16
VOUT
DC/DC voltage converter. Connect a capacitor between this terminal and
VSS or VDD
Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com