Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 4 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 4 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
17
CAP3+
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1N terminal.
18
CAP1-
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1P terminal.
19
CAP1+
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP1N terminal.
20
CAP2+
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP2N terminal.
21
CAP2-
DC/DC voltage converter. Connect a capacitor between this terminal and
the CAP2P terminal.
22
V4
This is a multi-level power supply for the liquid crystal drive. The voltage
Supply applied is determined by the liquid crystal cell, and is changed
through the use of a resistive voltage divided or through changing the
impedance using an op. amp. Voltage levels are determined based on
Vss, and must maintain the relative magnitudes shown below.
V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧Vss
When the power supply turns ON, the internal power supply circuits
produce the V1 to V4 voltages shown below. The voltage settings are
selected using the LCD bias set command.
23
V3
24
V2
25
V1
26
V0
27
VR
Output voltage regulator terminal. Provides the voltage between VSS and
V0 through a resistive voltage divider.
IRS = “L” : the V0 voltage regulator internal resistors are not used. IRS =
“H” : the V0 voltage regulator internal resistors are used.
28
C86
This is the MPU interface selection pin. C86 = “H”: 6800 Series MPU
interface. C86 = “L”: 8080 Series MPU interface.
29
P/S
This pin configures the interface to be parallel mode or serial mode. P/S
= “H”: Parallel data input/output.
P/S = “L”: Serial data input.
The following applies depending on the P/S status:
When P/S = “L”, D0 to D5 must be fixed to “H”.
/RD (E) and /WR (R/W) are fixed to either “H” or “L”.
The serial access mode does NOT support read operation.
Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com