Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 7 Page - Midas Components

Back Button MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components MPBV-7 Datasheet HTML 10Page - Midas Components MPBV-7 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Absolute Maximum Ratings
Item
Symbol
Min
Typ
Max
Unit
Operating Temperature
TOP
-20
-
+70
℃
Storage Temperature
TST
-30
-
+80
℃
Power Supply Voltage
VDD
-0.3
-
3.6
V
Power supply voltage (VDD
standard)
V0, VOUT
-0.3
-
14.5
V
Power supply voltage (VDD
standard)
V1, V2, V3, V4
-0.3
-
V0+0.3
V
Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For Logic
VDD-VSS
-
2.8
3.0
3.2
V
Supply Voltage For LCD
*Note
VOP
Ta=-20℃
Ta=25℃
Ta=70℃
-
9.3
-
-
9.5
-
-
9.7
-
V
V
V
Input High Volt.
VIH
-
0.8 VDD
-
VDD
V
Input Low Volt.
VIL
-
VSS
-
0.2 VDD
V
Output High Volt.
VOH
-
0.8 VDD
-
VDD
V
Output Low Volt.
VOL
-
VSS
-
0.2 VDD
V
Supply Current
IDD
VDD=3.0V
-
-
2.0
mA
Please kindly consider to design the Vop to be adjustable while programing the software to
match LCD contrast tolerance
Page 7 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com